Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/PF Datasheet(PDF) 163 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/PF Datasheet(HTML) 163 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/PF Datasheet HTML 159Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 160Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 161Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 162Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 163Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 164Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 165Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 166Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 238 page
background image
TABLE 20-7:
SYSTEM INTEGRATION REGISTER MAP FOR dsPIC30F601XA
TABLE 20-8:
DEVICE CONFIGURATION REGISTER MAP
SFR
Name
Addr
.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
RCON
0740 TRAPR IOPUWR
BGST
LVDEN
LVDL<3:0>
EXTR
SWR
SWDTEN
WDTO
SLEEP
IDLE
BOR
POR
Depends on type of Reset.
OSCCON 0742
—COSC<2:0>
—
NOSC<2:0>
POST<1:0>
LOCK
—CF
—
LPOSCEN OSWEN Depends on Configuration bits.
OSCTUN
0744
—
—
—
—
—
—
—
—
—
—
—
—
TUN<3:0>
0000 0000 0000 0000
PMD1
0770
T5MD
T4MD
T3MD
T2MD
T1MD
—
—
DCIMD
I2CMD
U2MD
U1MD
SPI2MD SPI1MD
C2MD
C1MD
ADCMD
0000 0000 0000 0000
PMD2
0772 IC8MD
IC7MD
IC6MD IC5MD IC4MD IC3MD
IC2MD
IC1MD
OC8MD OC7MD
OC6MD
OC5MD
OC4MD OC3MD
OC2MD
OC1MD
0000 0000 0000 0000
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
File Name
Addr.
Bits 23-16
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FOSC
F80000
—FCKSM<1:0>
—
—
—FOS<2:0>
—
—
—FPR<4:0>
FWDT
F80002
—FWDTEN
—
—
—
—
—
—
—
—
—
FWPSA<1:0>
FWPSB<3:0>
FBORPOR
F80004
—
MCLREN
—
—
—
—
—
—
—BOREN
—
BORV<1:0>
—
—FPWRT<1:0>
FBS
F80006
—
—
—
RBS<1:0>
—
—
—
EBS
—
—
—
—
BSS<2:0>
BWRP
FSS
F80008
—
—
—
RSS<1:0>
—
—ESS<1:0>
—
—
—
—
SSS<2:0>
SWRP
FGS
F8000A
—
—
—
—
—
—
—
—
—
—
—
—
—
—GSS<1:0>
GWRP
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com