Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS101TI/SP Datasheet(PDF) 248 Page - Microchip Technology

Part # DSPIC33FJ06GS101TI/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TI/SP Datasheet(HTML) 248 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TI/SP Datasheet HTML 244Page - Microchip Technology DSPIC33FJ06GS101TI/SP Datasheet HTML 245Page - Microchip Technology DSPIC33FJ06GS101TI/SP Datasheet HTML 246Page - Microchip Technology DSPIC33FJ06GS101TI/SP Datasheet HTML 247Page - Microchip Technology DSPIC33FJ06GS101TI/SP Datasheet HTML 248Page - Microchip Technology DSPIC33FJ06GS101TI/SP Datasheet HTML 249Page - Microchip Technology DSPIC33FJ06GS101TI/SP Datasheet HTML 250Page - Microchip Technology DSPIC33FJ06GS101TI/SP Datasheet HTML 251Page - Microchip Technology DSPIC33FJ06GS101TI/SP Datasheet HTML 252Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 246
Preliminary
© 2009 Microchip Technology Inc.
bit 4
ASYNCSAMP:
Asynchronous Dedicated S&H Sampling Enable bit(1)
1
= The dedicated S&H is constantly sampling and then terminates sampling as soon as the trigger
pulse is detected.
0
= The dedicated S&H starts sampling when the trigger event is detected and completes the sampling
process in two ADC clock cycles.
bit 3
Unimplemented:
Read as ‘0’
bit 2-0
ADCS<2:0>:
A/D Conversion Clock Divider Select bits(1)
111
= FADC/8
110
= FADC/7
101
= FADC/6
100
= FADC/5
011
= FADC/4 (default)
010
= FADC/3
001
= FADC/2
000
= FADC/1
REGISTER 19-1:
ADCON: A/D CONTROL REGISTER (CONTINUED)
Note 1:
This control bit can only be changed while ADC is disabled (ADON = 0), and only applies to single SAR
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com