| Electronic Components Datasheet Search |
|
DSPIC33FJ06GS101TI/SP Datasheet(PDF) 187 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TI/SP Datasheet(HTML) 187 Page - Microchip Technology |
|
187 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 185 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 12.0 TIMER2/3 FEATURES Timer2 is a Type B timer that offers the following major features: • A Type B timer can be concatenated with a Type C timer to form a 32-bit timer • External clock input (TxCK) is always synchronized to the internal device clock and the clock synchronization is performed after the prescaler. Figure 12-1 shows a block diagram of the Type B timer. Timer3 is a Type C timer that offers the following major features: • A Type C timer can be concatenated with a Type B timer to form a 32-bit timer • The external clock input (TxCK) is always synchronized to the internal device clock and the clock synchronization is performed before the prescaler A block diagram of the Type C timer is shown in Figure 12-2. FIGURE 12-1: TYPE B TIMER BLOCK DIAGRAM (x = 2) FIGURE 12-2: TYPE C TIMER BLOCK DIAGRAM (x = 3) Note: This data sheet summarizes the features of the dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 families of devices. It is not intended to be a comprehensive reference source. To complement the information in this data sheet, refer to the “dsPIC33F Family Reference Manual” , Section 11. “Timers” (DS70205), which is available on the Micro- chip web site (www.microchip.com). Note: Timer3 is not available on all devices. Prescaler (/n) TGATE TCS 00 10 x1 TMRx Comparator PRx TGATE Set TxIF Flag 0 1 Sync TCKPS<1:0> Equal Reset TxCK Gate Sync FCY Falling Edge Detect Prescaler (/n) TCKPS<1:0> Prescaler (/n) Gate Sync TGATE TCS 00 10 x1 TMRx Comparator PRx FCY TGATE Falling Edge Detect Set TxIF Flag 0 1 Sync TCKPS<1:0> Equal Reset TxCK Prescaler (/n) TCKPS<1:0> |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |