Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/S Datasheet(PDF) 199 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/S Datasheet(HTML) 199 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/S Datasheet HTML 195Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 196Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 197Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 198Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 199Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 200Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 201Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 202Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 238 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70143C-page 197
dsPIC30F6011A/6012A/6013A/6014A
TABLE 23-29: DCI MODULE (MULTICHANNEL, I2S MODES) TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
CS10
TcSCKL
CSCK Input Low Time
(CSCK pin is an input)
TCY/2 + 20
—
—
ns
—
CSCK Output Low Time(3)
(CSCK pin is an output)
30
—
—
ns
—
CS11
TcSCKH
CSCK Input High Time
(CSCK pin is an input)
TCY/2 + 20
—
—
ns
—
CSCK Output High Time(3)
(CSCK pin is an output)
30
—
—
ns
—
CS20
TcSCKF
CSCK Output Fall Time(4)
(CSCK pin is an output)
—10
25
ns
—
CS21
TcSCKR
CSCK Output Rise Time(4)
(CSCK pin is an output)
—10
25
ns
—
CS30
TcSDOF
CSDO Data Output Fall Time(4)
—10
25
ns
—
CS31
TcSDOR
CSDO Data Output Rise Time(4)
—10
25
ns
—
CS35
TDV
Clock edge to CSDO data valid
—
—
10
ns
—
CS36
TDIV
Clock edge to CSDO tri-stated
10
—
20
ns
—
CS40
TCSDI
Setup time of CSDI data input to
CSCK edge (CSCK pin is input
or output)
20
—
—
ns
—
CS41
THCSDI
Hold time of CSDI data input to
CSCK edge (CSCK pin is input
or output)
20
—
—
ns
—
CS50
TcoFSF
COFS Fall Time
(COFS pin is output)(4)
—10
25
ns
—
CS51
TcoFSR
COFS Rise Time
(COFS pin is output)(4)
—10
25
ns
—
CS55
TscoFS
Setup time of COFS data input to
CSCK edge (COFS pin is input)
20
—
—
ns
—
CS56
THCOFS
Hold time of COFS data input to
CSCK edge (COFS pin is input)
20
—
—
ns
—
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
3:
The minimum clock period for CSCK is 100 ns. Therefore, the clock generated in Master mode must not
violate this specification.
4:
Assumes 50 pF load on all DCI pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com