Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/S Datasheet(PDF) 117 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/S Datasheet(HTML) 117 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/S Datasheet HTML 113Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 114Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 115Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 116Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 117Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 118Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 119Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 120Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 238 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70143C-page 115
dsPIC30F6011A/6012A/6013A/6014A
• Receive Error Interrupts:
A receive error interrupt will be indicated by the
ERRIF bit. This bit shows that an error condition
occurred. The source of the error can be deter-
mined by checking the bits in the CAN Interrupt
status register, CiINTF.
- Invalid Message Received:
If any type of error occurred during reception of
the last message, an error will be indicated by
the IVRIF bit.
- Receiver Overrun:
The RXnOVR bit indicates that an overrun
condition occurred.
- Receiver Warning:
The RXWAR bit indicates that the receive error
counter (RERRCNT<7:0>) has reached the
warning limit of 96.
- Receiver Error Passive:
The RXEP bit indicates that the receive error
counter has exceeded the error passive limit of
127 and the module has gone into error passive
state.
17.5
Message Transmission
17.5.1
TRANSMIT BUFFERS
The CAN module has three transmit buffers. Each of
the three buffers occupies 14 bytes of data. Eight of the
bytes are the maximum 8 bytes of the transmitted mes-
sage. Five bytes hold the standard and extended
identifiers and other message arbitration information.
17.5.2
TRANSMIT MESSAGE PRIORITY
Transmit priority is a prioritization within each node of
the pending transmittable messages. There are
4 levels
of
transmit
priority.
If
TXPRI<1:0>
(CiTXnCON<1:0>, where n = 0, 1 or 2 represents a par-
ticular transmit buffer) for a particular message buffer is
set to ‘11’, that buffer has the highest priority. If
TXPRI<1:0> for a particular message buffer is set to
‘10’ or ‘01’, that buffer has an intermediate priority. If
TXPRI<1:0> for a particular message buffer is ‘00’, that
buffer has the lowest priority.
17.5.3
TRANSMISSION SEQUENCE
To initiate transmission of the message, the TXREQ bit
(CiTXnCON<3>) must be set. The CAN bus module
resolves any timing conflicts between setting of the
TXREQ bit and the Start of Frame (SOF), ensuring that if
the priority was changed, it is resolved correctly before the
SOF occurs. When TXREQ is set, the TXABT
(CiTXnCON<6>), TXLARB (CiTXnCON<5>) and TXERR
(CiTXnCON<4>) flag bits are automatically cleared.
Setting TXREQ bit simply flags a message buffer as
enqueued for transmission. When the module detects
an available bus, it begins transmitting the message
which has been determined to have the highest priority.
If the transmission completes successfully on the first
attempt, the TXREQ bit is cleared automatically, and an
interrupt is generated if TXIE was set.
If the message transmission fails, one of the error con-
dition flags will be set, and the TXREQ bit will remain
set indicating that the message is still pending for trans-
mission. If the message encountered an error condition
during the transmission attempt, the TXERR bit will be
set, and the error condition may cause an interrupt. If
the message loses arbitration during the transmission
attempt, the TXLARB bit is set. No interrupt is
generated to signal the loss of arbitration.
17.5.4
ABORTING MESSAGE
TRANSMISSION
The system can also abort a message by clearing the
TXREQ bit associated with each message buffer. Set-
ting the ABAT bit (CiCTRL<12>) will request an abort of
all pending messages. If the message has not yet
started transmission, or if the message started but is
interrupted by loss of arbitration or an error, the abort
will be processed. The abort is indicated when the
module sets the TXABT bit and the TXnIF flag is not
automatically set.
17.5.5
TRANSMISSION ERRORS
The CAN module will detect the following transmission
errors:
• Acknowledge Error
• Form Error
• Bit Error
These transmission errors will not necessarily generate
an interrupt but are indicated by the transmission error
counter. However, each of these errors will cause the
transmission error counter to be incremented by one.
Once the value of the error counter exceeds the value
of 96, the ERRIF (CiINTF<5>) and the TXWAR bit
(CiINTF<10>) are set. Once the value of the error
counter exceeds the value of 96, an interrupt is
generated and the TXWAR bit in the Error Flag register
is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com