Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/S Datasheet(PDF) 122 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/S Datasheet(HTML) 122 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/S Datasheet HTML 118Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 119Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 120Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 121Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 122Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 123Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 124Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 125Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 238 page
background image
TABLE 17-2:
CAN2 REGISTER MAP
SFR Name
Addr
.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
C2RXF0SID
03C0
—
—
—
Receive Acceptance Filter 0 Standard Identifier <10:0>
—
EXIDE
000u uuuu uuuu uu0u
C2RXF0EIDH 03C2
—
—
—
—
Receive Acceptance Filter 0 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C2RXF0EIDL 03C4
Receive Acceptance Filter 0 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C2RXF1SID
03C8
—
—
—
Receive Acceptance Filter 1 Standard Identifier <10:0>
—
EXIDE 000u uuuu uuuu uu0u
C2RXF1EIDH 03CA
—
—
—
—
Receive Acceptance Filter 1 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C2RXF1EIDL 03CC
Receive Acceptance Filter 1 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C2RXF2SID
03D0
—
—
—
Receive Acceptance Filter 2 Standard Identifier <10:0>
—
EXIDE 000u uuuu uuuu uu0u
C2RXF2EIDH 03D2
—
—
—
—
Receive Acceptance Filter 2 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C2RXF2EIDL 03D4
Receive Acceptance Filter 2 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C2RXF3SID
03D8
—
—
—
Receive Acceptance Filter 3 Standard Identifier <10:0>
—
EXIDE 000u uuuu uuuu uu0u
C2RXF3EIDH 03DA
—
—
—
—
Receive Acceptance Filter 3 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C2RXF3EIDL 03DC
Receive Acceptance Filter 3 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C2RXF4SID
03E0
—
—
—
Receive Acceptance Filter 4 Standard Identifier <10:0>
—
EXIDE 000u uuuu uuuu uu0u
C2RXF4EIDH 03E2
—
—
—
—
Receive Acceptance Filter 4 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C2RXF4EIDL 03E4
Receive Acceptance Filter 4 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C2RXF5SID
03E8
—
—
—
Receive Acceptance Filter 5 Standard Identifier <10:0>
—
EXIDE 000u uuuu uuuu uu0u
C2RXF5EIDH 03EA
—
—
—
—
Receive Acceptance Filter 5 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C2RXF5EIDL 03EC
Receive Acceptance Filter 5 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C2RXM0SID
03F0
—
—
—
Receive Acceptance Mask 0 Standard Identifier <10:0>
—MIDE
000u uuuu uuuu uu0u
C2RXM0EIDH
03F2
—
—
—
—
Receive Acceptance Mask 0 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C2RXM0EIDL 03F4
Receive Acceptance Mask 0 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C2RXM1SID
03F8
—
—
—
Receive Acceptance Mask 1 Standard Identifier <10:0>
—MIDE
000u uuuu uuuu uu0u
C2RXM1EIDH 03FA
—
—
—
—
Receive Acceptance Mask 1 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C2RXM1EIDL 03FC
Receive Acceptance Mask 1 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C2TX2SID
0400
Transmit Buffer 2 Standard Identifier <10:6>
—
—
—
Transmit Buffer 2 Standard Identifier <5:0>
SRR
TXIDE
uuuu u000 uuuu uuuu
C2TX2EID
0402 Transmit Buffer 2 Extended Identifier <17:14>
—
—
—
—
Transmit Buffer 2 Extended Identifier <13:6>
uuuu 0000 uuuu uuuu
C2TX2DLC
0404
Transmit Buffer 2 Extended Identifier <5:0>
TXRTR
TXRB1
TXRB0
DLC<3:0>
—
—
—
uuuu uuuu uuuu u000
C2TX2B1
0406
Transmit Buffer 2 Byte 1
Transmit Buffer 2 Byte 0
uuuu uuuu uuuu uuuu
C2TX2B2
0408
Transmit Buffer 2 Byte 3
Transmit Buffer 2 Byte 2
uuuu uuuu uuuu uuuu
C2TX2B3
040A
Transmit Buffer 2 Byte 5
Transmit Buffer 2 Byte 4
uuuu uuuu uuuu uuuu
C2TX2B4
040C
Transmit Buffer 2 Byte 7
Transmit Buffer 2 Byte 6
uuuu uuuu uuuu uuuu
C2TX2CON
040E
—
—
—
—
—
—
—
—
—
TXABT TXLARB TXERR
TXREQ
—TXPRI<1:0>
0000 0000 0000 0000
C2TX1SID
0410
Transmit Buffer 1 Standard Identifier <10:6>
—
—
—
Transmit Buffer 1 Standard Identifier <5:0>
SRR
TXIDE
uuuu u000 uuuu uuuu
C2TX1EID
0412 Transmit Buffer 1 Extended Identifier <17:14>
—
—
—
—
Transmit Buffer 1 Extended Identifier <13:6>
uuuu 0000 uuuu uuuu
C2TX1DLC
0414
Transmit Buffer 1 Extended Identifier <5:0>
TXRTR
TXRB1
TXRB0
DLC<3:0>
—
—
—
uuuu uuuu uuuu u000
Legend: u = uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com