Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/S Datasheet(PDF) 129 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/S Datasheet(HTML) 129 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/S Datasheet HTML 125Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 126Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 127Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 128Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 129Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 130Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 131Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 132Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 238 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70143C-page 127
dsPIC30F6011A/6012A/6013A/6014A
18.3.7
BIT CLOCK GENERATOR
The DCI module has a dedicated 12-bit time base that
produces the bit clock. The bit clock rate (period) is set
by writing a non-zero 12-bit value to the BCG<11:0>
control bits in the DCICON3 SFR.
When the BCG<11:0> bits are set to zero, the bit clock
will be disabled. If the BCG<11:0> bits are set to a non-
zero value, the bit clock generator is enabled. These
bits should be set to ‘0’ and the CSCKD bit set to ‘1’ if
the serial clock for the DCI is received from an external
device.
The formula for the bit clock frequency is given in
Equation 18-2.
EQUATION 18-2:
BIT CLOCK FREQUENCY
The required bit clock frequency will be determined by
the system sampling rate and frame size. Typical bit
clock frequencies range from 16x to 512x the converter
sample rate depending on the data converter and the
communication protocol that is used.
To achieve bit clock frequencies associated with com-
mon audio sampling rates, the user will need to select
a crystal frequency that has an ‘even’ binary value.
Examples of such crystal frequencies are listed in
Table 18-1.
TABLE 18-1:
DEVICE FREQUENCIES FOR COMMON CODEC CSCK FREQUENCIES
FBCK =
FCY
2
(BCG + 1)
•
FS (KHz)
FCSCK/FS
FCSCK (MHz)(1)
FOSC (MHZ)PLL
FCY (MIPS)
BCG(2)
8
256
2.048
8.192
4
8.192
1
12
256
3.072
6.144
8
12.288
1
32
32
1.024
8.192
8
16.384
7
44.1
32
1.4112
5.6448
8
11.2896
3
48
64
3.072
6.144
16
24.576
3
Note 1: When the CSCK signal is applied externally (CSCKD = 1), the external clock high and low times must meet
the device timing requirements.
2: When the CSCK signal is applied externally (CSCKD = 1), the BCG<11:0> bits have no effect on the
operation of the DCI module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com