Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/S Datasheet(PDF) 178 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/S Datasheet(HTML) 178 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/S Datasheet HTML 174Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 175Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 176Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 177Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 178Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 179Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 180Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 181Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 238 page
background image
dsPIC30F6011A/6012A/6013A/6014A
DS70143C-page 176
Preliminary
© 2006 Microchip Technology Inc.
TABLE 23-2:
THERMAL OPERATING CONDITIONS
Rating
Symbol
Min
Typ
Max
Unit
dsPIC30F601xA-30I
Operating Junction Temperature Range
TJ
-40
+125
°C
Operating Ambient Temperature Range
TA
-40
+85
°C
dsPIC30F601xA-20E
Operating Junction Temperature Range
TJ
-40
+150
°C
Operating Ambient Temperature Range
TA
-40
+125
°C
Power Dissipation:
Internal chip power dissipation:
PD
P
INT + PI
/O
W
I/O Pin power dissipation:
Maximum Allowed Power Dissipation
PDMAX
(T
J - TA)/
θ
JA
W
TABLE 23-3:
THERMAL PACKAGING CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Notes
Package Thermal Resistance, 80-pin TQFP (14x14x1mm)
θ
JA
34
°C/W
1
Package Thermal Resistance, 64-pin TQFP (14x14x1mm)
θ
JA
34
°C/W
1
Package Thermal Resistance, 80-pin TQFP (12x12x1mm)
θ
JA
39
°C/W
1
Package Thermal Resistance, 64-pin TQFP (10x10x1mm)
θ
JA
39
°C/W
1
Note 1:
Junction to ambient thermal resistance, Theta-ja (
θ
JA) numbers are achieved by package simulations.
TABLE 23-4:
DC TEMPERATURE AND VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Operating Voltage(2)
DC10
VDD
Supply Voltage
2.5
—
5.5
V
Industrial temperature
DC11
VDD
Supply Voltage
3.0
—
5.5
V
Extended temperature
DC12
VDR
RAM Data Retention Voltage(3)
—1.5
—
V
DC16
VPOR
VDD Start Voltage
to ensure internal
Power-on Reset signal
—VSS
—V
DC17
SVDD
VDD Rise Rate
to ensure internal
Power-on Reset signal
0.05
V/ms 0-5V in 0.1 sec
0-3V in 60 ms
Note 1:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
These parameters are characterized but not tested in manufacturing.
3:
This is the limit to which VDD can be lowered without losing RAM data.
P
INT
V
DD
I
DD
I
OH
∑
–
()
×
=
P
I
/O
V
DD
V
OH
–
{} I
OH
×
()
∑
V
OL
I
OL
×
()
∑
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com