Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-30E/PF Datasheet(PDF) 144 Page - Microchip Technology

Part # DSPIC30F0010AT-30E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30E/PF Datasheet(HTML) 144 Page - Microchip Technology

Back Button DSPIC30F0010AT-30E/PF Datasheet HTML 140Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 141Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 142Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 143Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 144Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 145Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 146Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 147Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 142
© 2007 Microchip Technology Inc.
20.8
A/D Acquisition Requirements
The analog input model of the 10-bit A/D converter is
shown in Figure 20-3. The total sampling time for the
A/D is a function of the internal amplifier settling time,
device VDD and the holding capacitor charge time.
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the voltage level on the analog input
pin. The analog output source impedance (RS), the
interconnect impedance (RIC), and the internal sam-
pling switch (RSS) impedance combine to directly affect
the time required to charge the capacitor CHOLD. The
combined impedance must therefore be small enough
to fully charge the holding capacitor within the chosen
sample time. To minimize the effects of pin leakage
currents on the accuracy of the A/D converter, the max-
imum recommended source impedance, RS, is 5 k
Ω for
conversion rates up to 500 ksps and a maximum of
500
Ω for conversion rates up to 1 Msps. After the
analog input channel is selected (changed), this sam-
pling function must be completed prior to starting the
conversion. The internal holding capacitor will be in a
discharged state prior to each sample operation.
The user must allow at least 1 TAD period of sampling
time, TSAMP, between conversions to allow each sam-
ple to be acquired. This sample time may be controlled
manually in software by setting/clearing the SAMP bit,
or it may be automatically controlled by the A/D con-
verter. In an automatic configuration, the user must
allow enough time between conversion triggers so that
the minimum sample time can be satisfied. Refer to
Section 24.0 “Electrical Characteristics” for TAD and
sample time requirements.
FIGURE 20-3:
A/D CONVERTER ANALOG INPUT MODEL
CPIN
VA
Rs
ANx
VT = 0.6V
VT = 0.6V
I leakage
RIC
≤ 250Ω
Sampling
Switch
RSS
CHOLD
= DAC capacitance
VSS
VDD
= 4.4 pF
± 500 nA
Legend: CPIN
VT
I leakage
RIC
RSS
CHOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch resistance
= sample/hold capacitance (from DAC)
various junctions
Note: CPIN value depends on device package and is not tested. Effect of CPIN negligible if Rs
≤ 5 kΩ.
RSS
≤ 3 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com