Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS202TE/ML Datasheet(PDF) 202 Page - Microchip Technology

Part # DSPIC33FJ06GS202TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202TE/ML Datasheet(HTML) 202 Page - Microchip Technology

Back Button DSPIC33FJ06GS202TE/ML Datasheet HTML 198Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 199Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 200Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 201Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 202Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 203Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 204Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 205Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 200
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 15-1:
PTCON: PWM TIME BASE CONTROL REGISTER
R/W-0
U-0
R/W-0
HS/HC-0
R/W-0
R/W-0
R/W-0
R/W-0
PTEN
—
PTSIDL
SESTAT
SEIEN
EIPU(1)
SYNCPOL(1) SYNCOEN(1)
bit 15
bit 8
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SYNCEN(1)
—
SYNCSRC<1:0>(1)
SEVTPS<3:0>(1)
bit 7
bit 0
Legend:
HC = Hardware Clearable bit
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PTEN:
PWM Module Enable bit
1
= PWM module is enabled
0
= PWM module is disabled
bit 14
Unimplemented:
Read as ‘0’
bit 13
PTSIDL:
PWM Time Base Stop in Idle Mode bit
1
= PWM time base halts in CPU Idle mode
0
= PWM time base runs in CPU Idle mode
bit 12
SESTAT:
Special Event Interrupt Status bit
1
= Special event interrupt is pending
0
= Special event interrupt is not pending
bit 11
SEIEN:
Special Event Interrupt Enable bit
1
= Special event interrupt is enabled
0
= Special event interrupt is disabled
bit 10
EIPU:
Enable Immediate Period Updates bit(1)
1
= Active Period register is updated immediately
0
= Active Period register updates occur on PWM cycle boundaries
bit 9
SYNCPOL:
Synchronization Input/Output Polarity bit(1)
1
= SYNCIx and SYNCO polarity is inverted (active-low)
0
= SYNCIx and SYNCO are active-high
bit 8
SYNCOEN:
Primary Time Base Sync Enable bit(1)
1
= SYNCO output is enabled
0
= SYNCO output is disabled
bit 7
SYNCEN:
External Time Base Synchronization Enable bit(1)
1
= External synchronization of primary time base is enabled
0
= External synchronization of primary time base is disabled
bit 6
Unimplemented:
Read as ‘0’
bit 5-4
SYNCSRC<1:0>:
Synchronous Source Selection bits(1)
00
= SYNCI1
01
= SYNCI2
10
= Reserved
11
= Reserved
bit 3-0
SEVTPS<3:0>:
PWM Special Event Trigger Output Postscaler Select bits(1)
0000
= 1:1 Postscaler generates a Special Event Trigger on every compare match event
0001
= 1:2 Postscaler generates a Special Event Trigger on every second compare match event
•
•
•
1111
= 1:16 Postscaler generates a Special Event Trigger trigger on every sixteenth compare match event
Note 1:
These bits should be changed only when PTEN = 0. In addition, when using the SYNCIx feature, the user
application must program the period register with a value that is slightly larger than the expected period of
the external synchronization input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com