Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 286 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 286 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 282Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 283Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 284Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 285Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 286Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 287Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 288Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 289Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 290Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 284
Preliminary
© 2009 Microchip Technology Inc.
24.1
DC Characteristics
TABLE 24-1:
OPERATING MIPS VS. VOLTAGE
Characteristic
VDD Range
(in Volts)
Temp Range
(in °C)
Max MIPS
dsPIC33FJ06GS101/X02 and
dsPIC33FJ16GSX02/X04
3.0-3.6V
-40°C to +85°C
40
3.0-3.6V
-40°C to +125°C
40
TABLE 24-2:
THERMAL OPERATING CONDITIONS
Rating
Symbol
Min
Typ
Max
Unit
Industrial Temperature Devices
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Operating Ambient Temperature Range
TA
-40
—
+85
°C
Extended Temperature Devices
Operating Junction Temperature Range
TJ
-40
—
+140
°C
Operating Ambient Temperature Range
TA
-40
—
+125
°C
Power Dissipation:
Internal chip power dissipation:
PINT = VDD x (IDD –
Σ IOH)
PD
PINT + PI/O
W
I/O Pin Power Dissipation:
I/O =
Σ ({VDD – VOH} x IOH) + Σ (VOL x IOL)
Maximum Allowed Power Dissipation
PDMAX
(TJ – TA)/
θJA
W
TABLE 24-3:
THERMAL PACKAGING CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Notes
Package Thermal Resistance, 44-Pin QFN
θJA
28
—
°C/W
1
Package Thermal Resistance, 44-Pin TFQP
θJA
39
—
°C/W
1
Package Thermal Resistance, 28-Pin SPDIP
θJA
42
—
°C/W
1
Package Thermal Resistance, 28-Pin SOIC
θJA
47
—
°C/W
1
Package Thermal Resistance, 28-Pin QFN-S
θJA
34
—
°C/W
1
Package Thermal Resistance, 18-Pin SOIC
θJA
57
—
°C/W
1
Note 1:
Junction to ambient thermal resistance, Theta-JA (
θJA) numbers are achieved by package simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com