Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 315 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 315 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 311Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 312Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 313Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 314Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 315Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 316Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 317Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 318Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 319Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 313
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
FIGURE 24-19:
A/D CONVERSION TIMING PER INPUT
TABLE 24-37: 10-BIT HIGH-SPEED A/D MODULE TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ(1)
Max.
Units
Conditions
Clock Parameters
AD50b TAD
ADC Clock Period
35.8
—
—
ns
Conversion Rate
AD55b tCONV
Conversion Time
—
14 TAD
——
AD56b FCNV
Throughput Rate
Devices with Single SAR
—
—
2.0
Msps
Devices with Dual SARs
—
—
4.0
Msps
Timing Parameters
AD63b tDPU
Time to Stabilize Analog Stage
from ADC Off to ADC On(1)
1.0
—
10
μs
Note 1:
These parameters are characterized but not tested in manufacturing.
TAD
A/D Data
ADBUFxx
98
210
Old Data
New Data
CONV
A/D Clock
Trigger Pulse
Tconv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com