Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS101TE/MM Datasheet(PDF) 336 Page - Microchip Technology

Part # DSPIC33FJ06GS101TE/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TE/MM Datasheet(HTML) 336 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TE/MM Datasheet HTML 332Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 333Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 334Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 335Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 336Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 337Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 338Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 339Page - Microchip Technology DSPIC33FJ06GS101TE/MM Datasheet HTML 340Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 334
Preliminary
© 2009 Microchip Technology Inc.
Section 8.0 “Oscillator
Configuration”
Added Note 2 to the Oscillator System Diagram (see Figure 8-1).
Added a paragraph regarding FRC accuracy at the end of Section 8.1.1
“System Clock Sources”
.
Added Note 1 and Note 2 to the OSCON register (see Register ).
Added Note 1 to the OSCTUN register (see Register 8-4).
Added Note 3 to Section 8.4.2 “Oscillator Switching Sequence”.
Section 10.0 “I/O Ports”
Removed Table 9-1 and added reference to pin diagrams for I/O pin
availability and functionality.
Added paragraph on ADPCFG register default values to Section 10.2
“Configuring Analog Port Pins”
.
Added Note box regarding PPS functionality with input mapping to
Section 10.4.2.1 “Input Mapping”
.
Section 15.0 “High-Speed PWM”
Updated Note 2 in the PTCON register (see Register 15-1).
Added Note 4 to the PWMCONx register (see Register 15-6).
Updated Notes for the PHASEx and SPHASEx registers (see Register 15-9
and Register 15-10, respectively).
Section 16.0 “Serial Peripheral
Interface (SPI)”
Added Note 2 and Note 3 to the SPIxCON1 register (see Register 16-2).
Section 18.0 “Universal
Asynchronous Receiver Transmitter
(UART)”
Updated the Notes in the UxMode register (see Register 18-1).
Updated the UTXINV bit settings in the UxSTA register and added Note 1
(see Register 18-2).
Section 19.0 “High-Speed 10-bit
Analog-to-Digital Converter (ADC)”
Updated the SLOWCLK and ADCS<2:0> bit settings and updated Note 1in
the ADCON register (see Register 19-1).
Removed all notes in the ADPCFG register and replaced them with a single
note (see Register 19-4).
Updated the SWTRGx bit settings in the ADCPCx registers (see
Register 19-5, Register 19-6, Register 19-7, and Register 19-8).
TABLE A-2:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com