Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-20E/S Datasheet(PDF) 216 Page - Microchip Technology

Part # DSPIC30F0010AT-20E/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-20E/S Datasheet(HTML) 216 Page - Microchip Technology

Back Button DSPIC30F0010AT-20E/S Datasheet HTML 212Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 213Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 214Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 215Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 216Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 217Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 218Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 219Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 214
© 2007 Microchip Technology Inc.
TABLE 24-41: 10-BIT HIGH-SPEED A/D CONVERSION TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.7V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ(1)
Max.
Units
Conditions
Clock Parameters
AD50
TAD
A/D Clock Period
—
84
—
ns
See Table 20-2(2)
AD51
tRC
A/D Internal RC Oscillator Period
700
900
1100
ns
—
Conversion Rate
AD55
tCONV
Conversion Time
—
12 TAD
——
—
AD56
FCNV
Throughput Rate
—
1.0
—
Msps
See Table 20-2(2)
AD57
TSAMP
Sample Time
—
1 TAD
—
—
See Table 20-2(2)
Timing Parameters
AD60
tPCS
Conversion Start from Sample
Trigger(3)
—1.0 TAD
—
—
Auto-Convert Trigger
(SSRC = 111) not
selected
AD61
tPSS
Sample Start from Setting
Sample (SAMP) Bit
0.5 TAD
—
1.5 TAD
——
AD62
tCSS
Conversion Completion to
Sample Start (ASAM = 1)(3)
—0.5 TAD
——
—
AD63
tDPU
Time to Stabilize Analog Stage
from A/D Off to A/D On(3)
—20
—
μs—
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Because the sample caps will eventually lose charge, clock rates below 10 kHz can affect linearity
performance, especially at elevated temperatures.
3:
Characterized by design but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com