| Electronic Components Datasheet Search |
|
DSPIC30F0010AT-20E/S Datasheet(PDF) 231 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F0010AT-20E/S Datasheet(HTML) 231 Page - Microchip Technology |
|
231 / 236 page ![]() © 2007 Microchip Technology Inc. DS70150C-page 229 dsPIC30F6010A/6015 SPI Master Mode (CKE = 1) .................................... 201 SPI Slave Mode (CKE = 0) ...................................... 202 SPI Slave Mode (CKE = 1) ...................................... 203 Time-out Sequence on Power-up (MCLR Not Tied to VDD), Case 1 ................................. 154 Time-out Sequence on Power-up (MCLR Not Tied to VDD), Case 2 ................................. 155 Time-out Sequence on Power-up (MCLR Tied to VDD) ..................................................... 154 TimerQ (QEI Module) External Clock ...................... 194 Timer1, 2, 3, 4, 5 External Clock .............................. 192 10-bit High-Speed A/D Conversion (CHPS = 01, SIMSAM = 0, ASAM = 0, SSRC = 000) ........... 212 10-bit High-Speed A/D Conversion (CHPS = 01, SIMSAM = 0, ASAM = 1, SSRC = 111, SAMC = 00001) ............................................... 213 Timing Requirements Input Capture ........................................................... 195 Timing Specifications Band Gap Start-up Time Requirements ................... 191 CAN I/O Requirements ............................................ 209 CLKOUT and I/O Characteristics ............................. 189 CLKOUT and I/O Requirements .............................. 189 External Clock Requirements .................................. 185 Internal Clock Examples .......................................... 187 I2C Bus Data Requirements (Master Mode) ............ 206 I2C Bus Data Requirements (Slave Mode) .............. 208 Motor Control PWM Requirements .......................... 197 Output Compare Requirements ............................... 195 PLL Clock ................................................................. 186 PLL Jitter .................................................................. 186 QEI External Clock Requirements ........................... 194 QEI Index Pulse Requirements ................................ 199 Quadrature Decoder Requirements ......................... 198 Reset, Watchdog Timer, Oscillator Start-up Timer, Power-up Timer and Brown-out Reset Requirements ........................................ 191 Simple OC/PWM Mode Requirements .................... 196 SPI Master Mode (CKE = 0) Requirements ............. 200 SPI Master Mode (CKE = 1) Requirements ............. 201 SPI Slave Mode (CKE = 0) Requirements ............... 202 SPI Slave Mode (CKE = 1) Requirements ............... 203 Timer1 External Clock Requirements ...................... 192 Timer2 and Timer4 External Clock Requirements ... 193 Timer3 and Timer5 External Clock Requirements ... 193 10-bit High-Speed A/D ............................................. 210 10-bit High-Speed A/D Conversion Requirements .. 214 Traps .................................................................................. 41 Hard and Soft ............................................................. 42 Sources ...................................................................... 41 Vectors ....................................................................... 42 U UART Address Detect Mode .............................................. 119 Auto-Baud Support .................................................. 120 Baud Rate Generator (BRG) .................................... 119 Disabling .................................................................. 117 Enabling and Setup .................................................. 117 Loopback Mode ....................................................... 119 Module Overview ..................................................... 115 Operation During CPU Sleep and Idle Modes ......... 120 Receiving Data ......................................................... 118 In 8-bit or 9-bit Data Mode ............................... 118 Interrupt ........................................................... 118 Receive Buffer (UxRXB) .................................. 118 Reception Error Handling ........................................ 118 Framing Error (FERR) ..................................... 119 Idle Status ....................................................... 119 Parity Error (PERR) ......................................... 119 Receive Break ................................................. 119 Receive Buffer Overrun Error (OERR Bit) ....... 118 Setting Up Data, Parity and Stop Bit Selections ...... 117 Transmitting Data .................................................... 117 In 8-bit Data Mode ........................................... 117 In 9-bit Data Mode ........................................... 117 Interrupt ........................................................... 118 Transmit Break ................................................ 118 Transmit Buffer (UxTXB) ................................. 117 UART1 Register Map .............................................. 121 UART2 Register Map .............................................. 121 Unit ID Locations ............................................................. 147 Universal Asynchronous Receiver Transmitter Module (UART) ........................................................ 115 W Wake-up from Sleep ........................................................ 147 Wake-up from Sleep and Idle ............................................ 43 Watchdog Timer (WDT) ........................................... 147, 158 Enabling and Disabling ............................................ 158 Operation ................................................................. 158 WWW Address ................................................................ 231 WWW, On-Line Support ...................................................... 5 Z 16-bit Up/Down Position Counter Mode ............................ 88 Count Direction Status ............................................... 88 Error Checking ........................................................... 88 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |