Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-20E/S Datasheet(PDF) 109 Page - Microchip Technology

Part # DSPIC30F0010AT-20E/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-20E/S Datasheet(HTML) 109 Page - Microchip Technology

Back Button DSPIC30F0010AT-20E/S Datasheet HTML 105Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 106Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 107Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 108Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 109Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 110Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 111Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 112Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 107
dsPIC30F6010A/6015
17.0
I2C™ MODULE
The Inter-Integrated Circuit™ (I2C™) module provides
complete hardware support for both Slave and Multi-
Master modes of the I2C serial communication
standard, with a 16-bit interface.
This module offers the following key features:
•I2C interface supporting both Master and Slave
operation.
•I2C Slave mode supports 7 and 10-bit address.
•I2C Master mode supports 7 and 10-bit address.
•I2C port allows bidirectional transfers between
master and slaves.
• Serial clock synchronization for I2C port can be
used as a handshake mechanism to suspend and
resume serial transfer (SCLREL control).
•I2C supports multi-master operation; detects bus
collision and will arbitrate accordingly.
17.1
Operating Function Description
The hardware fully implements all the master and
slave functions of the I2C Standard and Fast mode
specifications, as well as 7 and 10-bit addressing.
Thus, the I2C module can operate either as a slave or
a master on an I2C bus.
17.1.1
VARIOUS I2C MODES
The following types of I2C operation are supported:
•I2C Slave operation with 7-bit address
•I2C Slave operation with 10-bit address
•I2C Master operation with 7 or 10-bit address
See the I2C programmer’s model in Figure 17-1.
17.1.2
PIN CONFIGURATION IN I2C MODE
I2C has a 2-pin interface; pin SCL is clock and pin SDA
is data.
FIGURE 17-1:
PROGRAMMER’S MODEL
17.1.3
I2C REGISTERS
I2CCON and I2CSTAT are control and STATUS regis-
ters, respectively. The I2CCON register is readable and
writable. The lower 6 bits of I2CSTAT are read-only.
The remaining bits of the I2CSTAT are read/write.
I2CRSR is the shift register used for shifting data,
whereas I2CRCV is the buffer register to which data
bytes are written, or from which data bytes are read.
I2CRCV is the receive buffer, as shown in Figure 16-1.
I2CTRN is the transmit register to which bytes are written
during a transmit operation, as shown in Figure 16-2.
The I2CADD register holds the slave address. A Status
bit, ADD10, indicates 10-bit Address mode. The
I2CBRG acts as the Baud Rate Generator reload value.
In receive operations, I2CRSR and I2CRCV together
form a double-buffered receiver. When I2CRSR receives
a complete byte, it is transferred to I2CRCV and an inter-
rupt pulse is generated. During transmission, the
I2CTRN is not double-buffered.
Note: This data sheet summarizes features of this
group of dsPIC30F devices and is not intended to be
a complete reference source. For more information
on the CPU, peripherals, register descriptions and
general device functionality, refer to the “dsPIC30F
Family Reference Manual” (DS70046).
bit 7
bit 0
I2CRCV (8 bits)
bit 7
bit 0
I2CTRN (8 bits)
bit 8
bit 0
I2CBRG (9 bits)
bit 15
bit 0
I2CCON (16 bits)
bit 15
bit 0
I2CSTAT (16 bits)
bit 9
bit 0
I2CADD (10 bits)
Note:
Following a Restart condition in 10-bit
mode, the user only needs to match the
first 7-bit address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com