Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-20E/S Datasheet(PDF) 122 Page - Microchip Technology

Part # DSPIC30F0010AT-20E/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-20E/S Datasheet(HTML) 122 Page - Microchip Technology

Back Button DSPIC30F0010AT-20E/S Datasheet HTML 118Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 119Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 120Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 121Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 122Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 123Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 124Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 125Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 120
© 2007 Microchip Technology Inc.
18.9
Auto-Baud Support
To allow the system to determine baud rates of
received characters, the input can be optionally linked
to a selected capture input. To enable this mode, the
user must program the input capture module to detect
the falling and rising edges of the Start bit.
18.10 UART Operation During CPU
Sleep and Idle Modes
18.10.1
UART OPERATION DURING CPU
SLEEP MODE
When the device enters Sleep mode, all clock sources
to the module are shut down and stay at logic ‘0’. If
entry into Sleep mode occurs while a transmission is
in progress, then the transmission is aborted. The
UxTX pin is driven to logic ‘1’. Similarly, if entry into
Sleep mode occurs while a reception is in progress,
then the reception is aborted. The UxSTA, UxMODE,
Transmit and Receive registers and buffers, and the
UxBRG register are not affected by Sleep mode.
If the Wake bit (UxMODE<7>) is set before the device
enters Sleep mode, then a falling edge on the UxRX
pin will generate a receive interrupt. The Receive
Interrupt Select Mode bit (URXISEL) has no effect for
this function. If the receive interrupt is enabled, then
this will wake-up the device from Sleep. The UARTEN
bit must be set in order to generate a wake-up
interrupt.
18.10.2
UART OPERATION DURING CPU
IDLE MODE
For the UART, the USIDL bit selects if the module will
stop operation when the device enters Idle mode, or
whether the module will continue on Idle. If USIDL = 0,
the module will continue operation during Idle mode. If
USIDL = 1, the module will stop on Idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com