Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-20E/S Datasheet(PDF) 137 Page - Microchip Technology

Part # DSPIC30F0010AT-20E/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-20E/S Datasheet(HTML) 137 Page - Microchip Technology

Back Button DSPIC30F0010AT-20E/S Datasheet HTML 133Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 134Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 135Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 136Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 137Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 138Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 139Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 140Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 135
dsPIC30F6010A/6015
20.0
10-BIT HIGH-SPEED ANALOG-
TO-DIGITAL CONVERTER
(ADC) MODULE
The10-bit
high-speed
Analog-to-Digital
Converter
(ADC) allows conversion of an analog input signal to a
10-bit digital number. This module is based on a Suc-
cessive Approximation Register (SAR) architecture,
and provides a maximum sampling rate of 1 Msps. The
A/D module has 16 analog inputs which are multi-
plexed into four sample and hold amplifiers. The output
of the sample and hold is the input into the converter,
which generates the result. The analog reference volt-
ages are software selectable to either the device sup-
ply voltage (AVDD/AVSS) or the voltage level on the
(VREF+/VREF-) pin. The A/D converter has a unique
feature of being able to operate while the device is in
Sleep mode.
The A/D module has six 16-bit registers:
• A/D Control Register 1 (ADCON1)
• A/D Control Register 2 (ADCON2)
• A/D Control Register 3 (ADCON3)
• A/D Input Select Register (ADCHS)
• A/D Port Configuration Register (ADPCFG)
• A/D Input Scan Selection Register (ADCSSL)
The ADCON1, ADCON2 and ADCON3 registers
control the operation of the A/D module. The ADCHS
register selects the input channels to be converted. The
ADPCFG register configures the port pins as analog
inputs or as digital I/O. The ADCSSL register selects
inputs for scanning.
The block diagram of the A/D module is shown in
Figure 20-1.
Note: This data sheet summarizes features of this
group of dsPIC30F devices and is not intended to be
a complete reference source. For more information
on the CPU, peripherals, register descriptions and
general device functionality, refer to the “dsPIC30F
Family Reference Manual” (DS70046).
Note:
The
SSRC<2:0>,
ASAM,
SIMSAM,
SMPI<3:0>, BUFM and ALTS bits, as well
as the ADCON3 and ADCSSL registers,
must not be written to while ADON = 1.
This would lead to indeterminate results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com