Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-20E/S Datasheet(PDF) 142 Page - Microchip Technology

Part # DSPIC30F0010AT-20E/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-20E/S Datasheet(HTML) 142 Page - Microchip Technology

Back Button DSPIC30F0010AT-20E/S Datasheet HTML 138Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 139Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 140Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 141Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 142Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 143Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 144Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 145Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 140
© 2007 Microchip Technology Inc.
The configuration guidelines give the required setup
values for the conversion speeds above 500 ksps,
since they require external VREF pins usage and there
are some differences in the configuration procedure.
Configuration details that are not critical to the
conversion speed have been omitted.
The following figure depicts the recommended circuit
for the conversion rates above 500 ksps.
FIGURE 20-2:
A/D CONVERTER VOLTAGE REFERENCE SCHEMATIC
20.7.1
1 Msps CONFIGURATION
GUIDELINE
The configuration for 1 Msps operation is dependent on
whether a single input pin is to be sampled or whether
multiple pins will be sampled.
20.7.1.1
Single Analog Input
For conversions at 1 Msps for a single analog input, at
least two sample and hold channels must be enabled.
The analog input multiplexer must be configured so
that the same input pin is connected to both sample
and hold channels. The A/D converts the value held on
one S/H channel, while the second S/H channel
acquires a new input sample.
20.7.1.2
Multiple Analog Inputs
The A/D converter can also be used to sample multiple
analog inputs using multiple sample and hold channels.
In this case, the total 1 Msps conversion rate is divided
among the different input signals. For example, four
inputs can be sampled at a rate of 250 ksps for each
signal or two inputs could be sampled at a rate of
500 ksps for each signal. Sequential sampling must be
used in this configuration to allow adequate sampling
time on each input.
VSS
VDD
VDD
VSS
dsPIC30F6010A
VDD
VDD
VDD
VDD
VDD
VDD
VDD
R2
10
C2
0.1
μF
C1
0.01
μF
R1
10
C8
1
μF
VDD
C7
0.1
μF
VDD
C6
0.01
μF
VDD
C5
1
μF
VDD
C4
0.1
μF
VDD
C3
0.01
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com