Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-20E/S Datasheet(PDF) 180 Page - Microchip Technology

Part # DSPIC30F0010AT-20E/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-20E/S Datasheet(HTML) 180 Page - Microchip Technology

Back Button DSPIC30F0010AT-20E/S Datasheet HTML 176Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 177Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 178Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 179Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 180Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 181Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 182Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 183Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 178
© 2007 Microchip Technology Inc.
TABLE 24-6:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC31a
9.5
15
mA
25°C
3.3V
0.128 MIPS
LPRC (512 kHz)
DC31b
9.5
15
mA
85°C
DC31c
9.4
15
mA
125°C
DC31e
18
27
mA
25°C
5V
DC31f
17
27
mA
85°C
DC31g
17
27
mA
125°C
DC30a
15
23
mA
25°C
3.3V
(1.8 MIPS)
FRC (7.37 MHz)
DC30b
15
23
mA
85°C
DC30c
14
23
mA
125°C
DC30e
30
45
mA
25°C
5V
DC30f
29
45
mA
85°C
DC30g
27
45
mA
125°C
DC23a
40
50
mA
25°C
3.3V
4 MIPS
DC23b
40
50
mA
85°C
DC23c
36
50
mA
125°C
DC23e
44
64
mA
25°C
5V
DC23f
43
64
mA
85°C
DC23g
43
64
mA
125°C
DC24a
50
75
mA
25°C
3.3V
10 MIPS
DC24b
51
75
mA
85°C
DC24c
51
75
mA
125°C
DC24e
85
125
mA
25°C
5V
DC24f
84
125
mA
85°C
DC24g
84
125
mA
125°C
DC27a
89
115
mA
25°C
3.3V
20 MIPS
DC27b
89
115
mA
85°C
DC27d
147
185
mA
25°C
5V
DC27e
146
185
mA
85°C
DC27f
145
185
mA
125°C
DC29a
206
255
mA
25°C
5V
30 MIPS
DC29b
205
255
mA
85°C
Note 1:
Data in “Typical” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail-to-rail. All I/O pins are configured as Inputs and pulled to VDD.
MCLR = VDD, WDT, FSCM, LVD and BOR are disabled. CPU, SRAM, Program Memory and Data
Memory are operational. No peripheral modules are operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com