Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1507T-ESSQTP Datasheet(PDF) 186 Page - Microchip Technology

Part # PIC16F1507T-ESSQTP
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507T-ESSQTP Datasheet(HTML) 186 Page - Microchip Technology

Back Button PIC16F1507T-ESSQTP Datasheet HTML 182Page - Microchip Technology PIC16F1507T-ESSQTP Datasheet HTML 183Page - Microchip Technology PIC16F1507T-ESSQTP Datasheet HTML 184Page - Microchip Technology PIC16F1507T-ESSQTP Datasheet HTML 185Page - Microchip Technology PIC16F1507T-ESSQTP Datasheet HTML 186Page - Microchip Technology PIC16F1507T-ESSQTP Datasheet HTML 187Page - Microchip Technology PIC16F1507T-ESSQTP Datasheet HTML 188Page - Microchip Technology PIC16F1507T-ESSQTP Datasheet HTML 189Page - Microchip Technology PIC16F1507T-ESSQTP Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 266 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41586A-page 186
PIC16(L)F1507
TABLE 21-1:
SUMMARY OF REGISTERS ASSOCIATED WITH NCOx
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
APFCON
—
—
—
—
—
—
CLC1SEL
NCO1SEL
100
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
66
NCO1ACCH
NCO1ACC<15:8>
184
NCO1ACCL
NCO1ACC<7:0>
184
NCO1ACCU
—
NCO1ACC<19:16>
184
NCO1CLK
N1PWS<2:0>
—
—
—N1CKS<1:0>
183
NCO1CON
N1EN
N1OE
N1OUT
N1POL
—
—
—N1PFM
183
NCO1INCH
NCO1INC<15:8>
185
NCO1INCL
NCO1INC<7:0>
185
PIE2
—
—
—
—
—
NCO1IE
—
—
68
PIR2
—
—
—
—
—
NCO1IF
—
—
71
TRISA
—
—TRISA5
TRISA4
—(1)
TRISA2
TRISA1
TRISA0
102
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
109
Legend:
x
= unknown, u = unchanged, — = unimplemented read as ‘0’, q = value depends on condition. Shaded cells are not
used for ADC module.
Note
1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com