Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 222 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 222 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 218Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 219Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 220Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 221Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 222Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 223Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 224Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 225Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 226Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 220
© 2008 Microchip Technology Inc.
18.4
EUSART Synchronous
Slave Mode
Synchronous Slave mode is entered by clearing bit,
CSRC (TXSTA<7>). This mode differs from the
Synchronous Master mode in that the shift clock is sup-
plied externally at the CK pin (instead of being supplied
internally in Master mode). This allows the device to
transfer or receive data while in any low-power mode.
18.4.1
EUSART SYNCHRONOUS
SLAVE TRANSMISSION
The operation of the Synchronous Master and Slave
modes is identical, except in the case of the Sleep
mode.
If two words are written to the TXREG and then the
SLEEP
instruction is executed, the following will occur:
a)
The first word will immediately transfer to the
TSR register and transmit.
b)
The second word will remain in the TXREG
register.
c)
Flag bit, TXIF, will not be set.
d)
When the first word has been shifted out of TSR,
the TXREG register will transfer the second
word to the TSR and flag bit, TXIF, will now be
set.
e)
If enable bit, TXIE, is set, the interrupt will wake
the chip from Sleep. If the global interrupt is
enabled, the program will branch to the interrupt
vector.
To set up a Synchronous Slave Transmission:
1.
Enable the synchronous slave serial port by
setting bits, SYNC and SPEN, and clearing bit,
CSRC.
2.
Clear bits, CREN and SREN.
3.
If interrupts are desired, set enable bit, TXIE.
4.
If 9-bit transmission is desired, set bit, TX9.
5.
Enable the transmission by setting enable bit,
TXEN.
6.
If 9-bit transmission is selected, the ninth bit
should be loaded in bit, TX9D.
7.
Start transmission by loading data to the
TXREGx register.
8.
If using interrupts, ensure that the GIE and PEIE
bits in the INTCON register (INTCON<7:6>) are
set.
TABLE 18-9:
REGISTERS ASSOCIATED WITH SYNCHRONOUS SLAVE TRANSMISSION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
49
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
52
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
52
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
52
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
51
TXREG
EUSART Transmit Register
51
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
51
BAUDCON
ABDOVF
RCIDL
RXDTP
TXCKP
BRG16
—
WUE
ABDEN
51
SPBRGH
EUSART Baud Rate Generator Register High Byte
51
SPBRG
EUSART Baud Rate Generator Register Low Byte
51
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used for synchronous slave transmission.
Note 1:
These bits are unimplemented on 28-pin devices and read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com