Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 288 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 288 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 284Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 285Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 286Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 287Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 288Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 289Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 290Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 291Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 292Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 286
© 2008 Microchip Technology Inc.
DAW
Decimal Adjust W Register
Syntax:
DAW
Operands:
None
Operation:
If [W<3:0> > 9] or [DC = 1] then,
(W<3:0>) + 6
→ W<3:0>;
else,
(W<3:0>) → W<3:0>;
If [W<7:4> + DC > 9] or [C = 1] then,
(W<7:4>) + 6 + DC → W<7:4> ;
else,
(W<7:4>) + DC
→ W<7:4>
Status Affected:
C
Encoding:
0000
0000
0000
0111
Description:
DAW
adjusts the eight-bit value in W,
resulting from the earlier addition of two
variables (each in packed BCD format)
and produces a correct packed BCD
result.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register W
Process
Data
Write
W
Example 1:
DAW
Before Instruction
W=
A5h
C=
0
DC
=
0
After Instruction
W
=
05h
C=
1
DC
=
0
Example 2:
Before Instruction
W=
CEh
C=
0
DC
=
0
After Instruction
W
=
34h
C=
1
DC
=
0
DECF
Decrement f
Syntax:
DECF f {,d {,a}}
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f) – 1
→ dest
Status Affected:
C, DC, N, OV, Z
Encoding:
0000
01da
ffff
ffff
Description:
Decrement register ‘f’. If ‘d’ is ‘0’, the
result is stored in W. If ‘d’ is ‘1’, the
result is stored back in register ‘f’
(default).
If ‘a’ is ‘0’, the Access Bank is selected.
If ‘a’ is ‘1’, the BSR is used to select the
GPR bank.
If ‘a’ is ‘0’ and the extended instruction
set is enabled, this instruction operates
in Indexed Literal Offset Addressing
mode whenever f
≤ 95 (5Fh). See
Section 24.2.3 “Byte-Oriented and
Bit-Oriented Instructions in Indexed
Literal Offset Mode” for details.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example:
DECF
CNT,
1, 0
Before Instruction
CNT
=
01h
Z=
0
After Instruction
CNT
=
00h
Z=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com