Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 294 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 294 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 290Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 291Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 292Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 293Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 294Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 295Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 296Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 297Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 298Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 292
© 2008 Microchip Technology Inc.
MOVFF
Move f to f
Syntax:
MOVFF fs,fd
Operands:
0
≤ f
s ≤ 4095
0
≤ f
d ≤ 4095
Operation:
(fs) → fd
Status Affected:
None
Encoding:
1st word (source)
2nd word (destin.)
1100
1111
ffff
ffff
ffff
ffff
fff
fs
fff
fd
Description:
The contents of source register ‘fs’ are
moved to destination register ‘fd’.
Location of source ‘fs’ can be anywhere
in the 4096-byte data space (000h to
FFFh) and location of destination ‘fd’
can also be anywhere from 000h to
FFFh.
Either source or destination can be W
(a useful special situation).
MOVFF
is particularly useful for
transferring a data memory location to a
peripheral register (such as the transmit
buffer or an I/O port).
The MOVFF instruction cannot use the
PCL, TOSU, TOSH or TOSL as the
destination register.
Words:
2
Cycles:
2 (3)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
(src)
Process
Data
No
operation
Decode
No
operation
No dummy
read
No
operation
Write
register ‘f’
(dest)
Example:
MOVFF
REG1, REG2
Before Instruction
REG1
=
33h
REG2
=
11h
After Instruction
REG1
=
33h
REG2
=
33h
MOVLB
Move Literal to Low Nibble in BSR
Syntax:
MOVLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ BSR
Status Affected:
None
Encoding:
0000
0001
kkkk
kkkk
Description:
The eight-bit literal ‘k’ is loaded into the
Bank Select Register (BSR). The value of
BSR<7:4> always remains ‘0’, regardless
of the value of k7:k4.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal ‘k’
Process
Data
Write literal
‘k’ to BSR
Example:
MOVLB
5
Before Instruction
BSR Register =
02h
After Instruction
BSR Register =
05h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com