Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 329 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 329 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 325Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 326Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 327Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 328Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 329Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 330Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 331Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 332Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 333Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 327
PIC18F2525/2620/4525/4620
Supply Current (IDD)(2)
PIC18LFX525/X620
0.8
1.1
mA
-40°C
VDD = 2.0V
FOSC = 4 MHz
(RC_RUN mode,
INTOSC source)
0.8
1.1
mA
+25°C
0.8
1.1
mA
+85°C
PIC18LFX525/X620
1.3
1.7
mA
-40°C
VDD = 3.0V
1.3
1.7
mA
+25°C
1.3
1.7
mA
+85°C
All devices
2.5
3.5
mA
-40°C
VDD = 5.0V
2.5
3.5
mA
+25°C
2.5
3.5
mA
+85°C
Extended devices only
2.5
3.5
mA
+125°C
PIC18LFX525/X620
2.9
5
μA-40°C
VDD = 2.0V
FOSC = 31 kHz
(RC_IDLE mode,
INTRC source)
3.1
5
μA+25°C
3.6
9.5
μA+85°C
PIC18LFX525/X620
4.5
8
μA-40°C
VDD = 3.0V
4.8
8
μA+25°C
5.8
15
μA+85°C
All devices
9.2
16
μA-40°C
VDD = 5.0V
9.8
16
μA+25°C
11.0
35
μA+85°C
Extended devices only
21
160
μA
+125°C
26.2
DC Characteristics:
Power-Down and Supply Current
PIC18F2525/2620/4525/4620 (Industrial)
PIC18LF2525/2620/4525/4620 (Industrial) (Continued)
PIC18LF2525/2620/4525/4620
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F2525/2620/4525/4620
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note 1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured
with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that
add delta current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin
loading and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have
an impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD or VSS;
MCLR = VDD; WDT enabled/disabled as specified.
3:
When operation below -10°C is expected, use T1OSC High-Power mode, where LPT1OSC (CONFIG3H<2>) = 0.
When operation will always be above -10°C, then the low-power Timer1 oscillator may be selected.
4:
BOR and HLVD enable internal band gap reference. With both modules enabled, current consumption will be less
than the sum of both specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com