Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 349 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 349 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 345Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 346Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 347Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 348Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 349Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 350Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 351Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 352Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 353Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 347
PIC18F2525/2620/4525/4620
FIGURE 26-11:
CAPTURE/COMPARE/PWM TIMINGS (ALL CCP MODULES)
TABLE 26-12: CAPTURE/COMPARE/PWM REQUIREMENTS (ALL CCP MODULES)
Note:
Refer to Figure 26-5 for load conditions.
CCPx
(Capture Mode)
50
51
52
CCPx
53
54
(Compare or PWM Mode)
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
50
TccL
CCPx Input Low
Time
No prescaler
0.5 TCY + 20
—
ns
With
prescaler
PIC18FXXXX
10
—
ns
PIC18LFXXXX
20
—
ns
VDD = 2.0V
51
TccH
CCPx Input
High Time
No prescaler
0.5 TCY + 20
—
ns
With
prescaler
PIC18FXXXX
10
—
ns
PIC18LFXXXX
20
—
ns
VDD = 2.0V
52
TccP
CCPx Input Period
3 TCY + 40
N
—ns
N = prescale
value (1, 4 or 16)
53
TccR
CCPx Output Fall Time
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
45
ns
VDD = 2.0V
54
TccF
CCPx Output Fall Time
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
45
ns
VDD = 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com