Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 110Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 111Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 112Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 113Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 114Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 115Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 116Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 117Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 112
© 2008 Microchip Technology Inc.
REGISTER 10-2:
INTCON2: INTERRUPT CONTROL REGISTER 2
R/W-1
R/W-1
R/W-1
R/W-1
U-0
R/W-1
U-0
R/W-1
RBPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—RBIP
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RBPU: PORTB Pull-up Enable bit
1
= All PORTB pull-ups are disabled
0
= PORTB pull-ups are enabled by individual port latch values
bit 6
INTEDG0: External Interrupt 0 Edge Select bit
1
= Interrupt on rising edge
0
= Interrupt on falling edge
bit 5
INTEDG1: External Interrupt 1 Edge Select bit
1
= Interrupt on rising edge
0
= Interrupt on falling edge
bit 4
INTEDG2: External Interrupt 2 Edge Select bit
1
= Interrupt on rising edge
0
= Interrupt on falling edge
bit 3
Unimplemented: Read as ‘0’
bit 2
TMR0IP: TMR0 Overflow Interrupt Priority bit
1
=High priority
0
= Low priority
bit 1
Unimplemented: Read as ‘0’
bit 0
RBIP: RB Port Change Interrupt Priority bit
1
=High priority
0
= Low priority
Note:
Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding
enable bit or the global interrupt enable bit. User software should ensure the appropriate interrupt flag bits
are clear prior to enabling an interrupt. This feature allows for software polling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com