Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 116Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 117Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 118Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 119Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 120Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 121Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 122Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 123Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 118
© 2008 Microchip Technology Inc.
10.4
IPR Registers
The IPR registers contain the individual priority bits for
the peripheral interrupts. Due to the number of periph-
eral interrupt sources, there are two Peripheral Interrupt
Priority registers (IPR1 and IPR2). Using the priority bits
requires that the Interrupt Priority Enable (IPEN) bit be
set.
REGISTER 10-8:
IPR1: PERIPHERAL INTERRUPT PRIORITY REGISTER 1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
PSPIP: Parallel Slave Port Read/Write Interrupt Priority bit(1)
1
=High priority
0
= Low priority
bit 6
ADIP: A/D Converter Interrupt Priority bit
1
=High priority
0
= Low priority
bit 5
RCIP: EUSART Receive Interrupt Priority bit
1
=High priority
0
= Low priority
bit 4
TXIP: EUSART Transmit Interrupt Priority bit
1
=High priority
0
= Low priority
bit 3
SSPIP: Master Synchronous Serial Port Interrupt Priority bit
1
=High priority
0
= Low priority
bit 2
CCP1IP: CCP1 Interrupt Priority bit
1
=High priority
0
= Low priority
bit 1
TMR2IP: TMR2 to PR2 Match Interrupt Priority bit
1
=High priority
0
= Low priority
bit 0
TMR1IP: TMR1 Overflow Interrupt Priority bit
1
=High priority
0
= Low priority
Note 1:
This bit is unimplemented on 28-pin devices and will read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com