Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 155Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 156Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 157Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 158Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 159Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 160Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 161Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 162Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 157
PIC18F2525/2620/4525/4620
REGISTER 16-3:
ECCP1AS: ECCP AUTO-SHUTDOWN CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1(1)
PSSBD0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ECCPASE: ECCP Auto-Shutdown Event Status bit
1
= A shutdown event has occurred; ECCP outputs are in shutdown state
0
= ECCP outputs are operating
bit 6-4
ECCPAS2:ECCPAS0: ECCP Auto-Shutdown Source Select bits
111
= FLT0 or Comparator 1 or Comparator 2
110
= FLT0 or Comparator 2
101
= FLT0 or Comparator 1
100
=FLT0
011
= Either Comparator 1 or 2
010
= Comparator 2 output
001
= Comparator 1 output
000
= Auto-shutdown is disabled
bit 3-2
PSSAC1:PSSAC0: Pins A and C Shutdown State Control bits
1x
= Pins A and C are tri-state (40/44-pin devices);
PWM output is tri-state (28-pin devices)
01
= Drive Pins A and C to ‘1’
00
= Drive Pins A and C to ‘0’
bit 1-0
PSSBD1:PSSBD0: Pins B and D Shutdown State Control bits(1)
1x
= Pins B and D tri-state
01
= Drive Pins B and D to ‘1’
00
= Drive Pins B and D to ‘0’
Note 1:
Unimplemented on 28-pin devices; bits read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com