Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ISOSQTP Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 185Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 186Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 187Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 188Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 189Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 190Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 191Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 192Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 187
PIC18F2525/2620/4525/4620
17.4.7
BAUD RATE
In I2C Master mode, the Baud Rate Generator (BRG)
reload value is placed in the lower 7 bits of the
SSPADD register (Figure 17-17). When a write occurs
to SSPBUF, the Baud Rate Generator will automatically
begin counting. The BRG counts down to ‘0’ and stops
until another reload has taken place. The BRG count is
decremented twice per instruction cycle (TCY) on the
Q2 and Q4 clocks. In I2C Master mode, the BRG is
reloaded automatically.
Once the given operation is complete (i.e., transmis-
sion of the last data bit is followed by ACK), the internal
clock will automatically stop counting and the SCL pin
will remain in its last state.
Table 17-3
demonstrates
clock
rates
based
on
instruction cycles and the BRG value loaded into
SSPADD.
FIGURE 17-17:
BAUD RATE GENERATOR BLOCK DIAGRAM
TABLE 17-3:
I2C™ CLOCK RATE W/BRG
SSPM3:SSPM0
BRG Down Counter
CLKO
FOSC/4
SSPADD<6:0>
SSPM3:SSPM0
SCL
Reload
Control
Reload
Fosc
FCY
FCY * 2
BRG Value
FSCL
(2 Rollovers of BRG)
40 MHz
10 MHz
20 MHz
18h
400 kHz(1)
40 MHz
10 MHz
20 MHz
1Fh
312.5 kHz
40 MHz
10 MHz
20 MHz
63h
100 kHz
16 MHz
4 MHz
8 MHz
09h
400 kHz(1)
16 MHz
4 MHz
8 MHz
0Ch
308 kHz
16 MHz
4 MHz
8 MHz
27h
100 kHz
4 MHz
1 MHz
2 MHz
02h
333 kHz(1)
4 MHz
1 MHz
2 MHz
09h
100 kHz
4 MHz
1 MHz
2 MHz
00h
1 MHz(1)
Note 1:
The I2C interface does not conform to the 400 kHz I2C specification (which applies to rates greater than
100 kHz) in all details, but may be used with care where higher rates are required by the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com