Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525ESPSQTP Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC18F2525ESPSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESPSQTP Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC18F2525ESPSQTP Datasheet HTML 169Page - Microchip Technology PIC18F2525ESPSQTP Datasheet HTML 170Page - Microchip Technology PIC18F2525ESPSQTP Datasheet HTML 171Page - Microchip Technology PIC18F2525ESPSQTP Datasheet HTML 172Page - Microchip Technology PIC18F2525ESPSQTP Datasheet HTML 173Page - Microchip Technology PIC18F2525ESPSQTP Datasheet HTML 174Page - Microchip Technology PIC18F2525ESPSQTP Datasheet HTML 175Page - Microchip Technology PIC18F2525ESPSQTP Datasheet HTML 176Page - Microchip Technology PIC18F2525ESPSQTP Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 171
PIC18F2525/2620/4525/4620
REGISTER 17-3:
SSPSTAT: MSSP STATUS REGISTER (I2C™ MODE)
R/W-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
SMP
CKE
D/A
P(1)
S(1)
R/W(2,3)
UA
BF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SMP: Slew Rate Control bit
In Master or Slave mode:
1
= Slew rate control disabled for Standard Speed mode (100 kHz)
0
= Slew rate control enabled for High-Speed mode (400 kHz)
bit 6
CKE: SMBus Select bit
In Master or Slave mode:
1
= Enable SMBus specific inputs
0
= Disable SMBus specific inputs
bit 5
D/A: Data/Address bit
In Master mode:
Reserved.
In Slave mode:
1
= Indicates that the last byte received or transmitted was data
0
= Indicates that the last byte received or transmitted was address
bit 4
P: Stop bit(1)
1
= Indicates that a Stop bit has been detected last
0
= Stop bit was not detected last
bit 3
S: Start bit(1)
1
= Indicates that a Start bit has been detected last
0
= Start bit was not detected last
bit 2
R/W: Read/Write Information bit (I2C mode only)(2,3)
In Slave mode:
1
= Read
0
= Write
In Master mode:
1
= Transmit is in progress
0
= Transmit is not in progress
bit 1
UA: Update Address bit (10-Bit Slave mode only)
1
= Indicates that the user needs to update the address in the SSPADD register
0
= Address does not need to be updated
bit 0
BF: Buffer Full Status bit
In Transmit mode:
1
= SSPBUF is full
0
= SSPBUF is empty
In Receive mode:
1
= SSPBUF is full (does not include the ACK and Stop bits)
0
= SSPBUF is empty (does not include the ACK and Stop bits)
Note 1:
This bit is cleared on Reset and when SSPEN is cleared.
2:
This bit holds the R/W bit information following the last address match. This bit is only valid from the
address match to the next Start bit, Stop bit or not ACK bit.
3:
ORing this bit with SEN, RSEN, PEN, RCEN or ACKEN will indicate if the MSSP is in Active mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com