Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525IMLSQTP Datasheet(PDF) 275 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 275 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 271Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 272Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 273Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 274Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 275Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 276Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 277Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 278Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 279Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 273
PIC18F2525/2620/4525/4620
24.1.1
STANDARD INSTRUCTION SET
ADDLW
ADD Literal to W
Syntax:
ADDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(W) + k
→ W
Status Affected:
N, OV, C, DC, Z
Encoding:
0000
1111
kkkk
kkkk
Description:
The contents of W are added to the
8-bit literal ‘k’ and the result is placed in
W.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal ‘k’
Process
Data
Write to W
Example:
ADDLW
15h
Before Instruction
W
=
10h
After Instruction
W
=
25h
ADDWF
ADD W to f
Syntax:
ADDWF
f {,d {,a}}
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(W) + (f)
→ dest
Status Affected:
N, OV, C, DC, Z
Encoding:
0010
01da
ffff
ffff
Description:
Add W to register ‘f’. If ‘d’ is ‘0’, the
result is stored in W. If ‘d’ is ‘1’, the
result is stored back in register ‘f’
(default).
If ‘a’ is ‘0’, the Access Bank is selected.
If ‘a’ is ‘1’, the BSR is used to select the
GPR bank.
If ‘a’ is ‘0’ and the extended instruction
set is enabled, this instruction operates
in Indexed Literal Offset Addressing
mode whenever f
≤ 95 (5Fh). See
Section 24.2.3 “Byte-Oriented and
Bit-Oriented Instructions in Indexed
Literal Offset Mode” for details.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example:
ADDWF
REG,
0, 0
Before Instruction
W
=
17h
REG
=
0C2h
After Instruction
W
=
0D9h
REG
=
0C2h
Note:
All PIC18 instructions may take an optional label argument preceding the instruction mnemonic for use in
symbolic addressing. If a label is used, the instruction format then becomes: {label} instruction argument(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com