Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2680IMLSQTP Datasheet(PDF) 333 Page - Microchip Technology

Part # PIC18F2680IMLSQTP
Description  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680IMLSQTP Datasheet(HTML) 333 Page - Microchip Technology

Back Button PIC18F2680IMLSQTP Datasheet HTML 329Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 330Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 331Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 332Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 333Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 334Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 335Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 336Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 337Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 331
PIC18F2585/2680/4585/4680
In Mode 1 and 2, there are an additional 10 acceptance
filters, RXF6-RXF15, creating a total of 16 available
filters. RXF15 can be used either as an acceptance
filter or acceptance mask register. Each of these
acceptance filters can be individually enabled or
disabled by setting or clearing the RXFENn bit in the
RXFCONn register. Any of these 16 acceptance filters
can be dynamically associated with any of the receive
buffers. Actual association is made by setting appropri-
ate bits in the RXFBCONn register. Each RXFBCONn
register contains a nibble for each filter. This nibble can
be used to associate a specific filter to any of available
receive buffers. User firmware may associate more
than one filter to any one specific receive buffer.
In addition to dynamic filter to buffer association, in
Mode 1 and 2, each filter can also be dynamically asso-
ciated to available acceptance mask registers. The
FILn_m bits in the MSELn register can be used to link
a specific acceptance filter to an acceptance mask reg-
ister. As with filter to buffer association, one can also
associate more than one mask to a specific acceptance
filter.
When a filter matches and a message is loaded into the
receive buffer, the filter number that enabled the mes-
sage reception is loaded into the FILHIT bit(s). In
Mode 0 for RXB1, the RXB1CON register contains the
FILHIT<2:0> bits. They are coded as follows:
• 101 = Acceptance Filter 5 (RXF5)
• 100 = Acceptance Filter 4 (RXF4)
• 011 = Acceptance Filter 3 (RXF3)
• 010 = Acceptance Filter 2 (RXF2)
• 001 = Acceptance Filter 1 (RXF1)
• 000 = Acceptance Filter 0 (RXF0)
The coding of the RXB0DBEN bit enables these three
bits to be used similarly to the FILHIT bits and to
distinguish a hit on filter RXF0 and RXF1, in either
RXB0 or after a rollover into RXB1.
• 111 = Acceptance Filter 1 (RXF1)
• 110 = Acceptance Filter 0 (RXF0)
• 001 = Acceptance Filter 1 (RXF1)
• 000 = Acceptance Filter 0 (RXF0)
If the RXB0DBEN bit is clear, there are six codes
corresponding to the six filters. If the RXB0DBEN bit is
set, there are six codes corresponding to the six filters,
plus two additional codes corresponding to RXF0 and
RXF1 filters, that rollover into RXB1.
In Mode 1 and 2, each buffer control register contains
5 bits of filter hit bits (FILHIT<4:0>). A binary value of ‘0’
indicates a hit from RXF0 and 15 indicates RXF15.
If more than one acceptance filter matches, the FILHIT
bits will encode the binary value of the lowest num-
bered filter that matched. In other words, if filter RXF2
and filter RXF4 match, FILHIT will be loaded with the
value for RXF2. This essentially prioritizes the
acceptance filters with a lower number filter having
higher priority. Messages are compared to filters in
ascending order of filter number.
The mask and filter registers can only be modified
when the PIC18F2585/2680/4585/4680 devices are in
Configuration mode.
FIGURE 23-3:
MESSAGE ACCEPTANCE MASK AND FILTER OPERATION
Note:
‘000’ and ‘001’ can only occur if the
RXB0DBEN bit is set in the RXB0CON
register, allowing RXB0 messages to
rollover into RXB1.
Acceptance Filter Register
Acceptance Mask Register
RxRqst
Message Assembly Buffer
RXFn0
RXFn1
RXFnn
RXMn0
RXMn1
RXMnn
Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com