Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2680IMLSQTP Datasheet(PDF) 140 Page - Microchip Technology

Part # PIC18F2680IMLSQTP
Description  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680IMLSQTP Datasheet(HTML) 140 Page - Microchip Technology

Back Button PIC18F2680IMLSQTP Datasheet HTML 136Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 137Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 138Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 139Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 140Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 141Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 142Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 143Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 138
Preliminary
© 2007 Microchip Technology Inc.
10.4
PORTD, TRISD and LATD
Registers
PORTD is an 8-bit wide, bidirectional port. The corre-
sponding Data Direction register is TRISD. Setting a
TRISD bit (= 1) will make the corresponding PORTD
pin an input (i.e., put the corresponding output driver in
a high-impedance mode). Clearing a TRISD bit (= 0)
will make the corresponding PORTD pin an output (i.e.,
put the contents of the output latch on the selected pin).
The Data Latch register (LATD) is also memory
mapped. Read-modify-write operations on the LATD
register read and write the latched output value for
PORTD.
All pins on PORTD are implemented with Schmitt Trigger
input buffers. Each pin is individually configurable as an
input or output.
Three of the PORTD pins are multiplexed with outputs
P1A, P1B, P1C and P1D of the Enhanced CCP1
(ECCP1) module. The operation of these additional
PWM output pins is covered in greater detail in
Section 16.0 “Enhanced Capture/Compare/PWM
(ECCP1) Module”.
PORTD can also be configured as an 8-bit wide micro-
processor port (Parallel Slave Port) by setting control
bit, PSPMODE (TRISE<4>). In this mode, the input
buffers are TTL. See Section 10.6 “Parallel Slave
Port” for additional information on the Parallel Slave
Port (PSP).
EXAMPLE 10-4:
INITIALIZING PORTD
Note:
PORTD is only available on PIC18F4X8X
devices.
Note:
On a Power-on Reset, these pins are
configured as digital inputs.
Note:
When the Enhanced PWM mode is used
with either dual or quad outputs, the PSP
functions of PORTD are automatically
disabled.
CLRF
PORTD
; Initialize PORTD by
; clearing output
; data latches
CLRF
LATD
; Alternate method
; to clear output
; data latches
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISD
; Set RD<3:0> as inputs
; RD<5:4> as outputs
; RD<7:6> as inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com