Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2680IMLSQTP Datasheet(PDF) 186 Page - Microchip Technology

Part # PIC18F2680IMLSQTP
Description  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680IMLSQTP Datasheet(HTML) 186 Page - Microchip Technology

Back Button PIC18F2680IMLSQTP Datasheet HTML 182Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 183Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 184Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 185Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 186Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 187Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 188Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 189Page - Microchip Technology PIC18F2680IMLSQTP Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 184
Preliminary
© 2007 Microchip Technology Inc.
16.4.7.1
Auto-Shutdown and Auto-Restart
The auto-shutdown feature can be configured to allow
automatic restarts of the module following a shutdown
event. This is enabled by setting the PRSEN bit of the
ECCP1DEL register (ECCP1DEL<7>).
In Shutdown mode with PRSEN = 1 (Figure 16-10), the
ECCPASE bit will remain set for as long as the cause
of the shutdown continues. When the shutdown condi-
tion clears, the ECCP1ASE bit is cleared. If PRSEN = 0
(Figure 16-11), once a shutdown condition occurs, the
ECCPASE bit will remain set until it is cleared by
firmware. Once ECCPASE is cleared, the Enhanced
PWM will resume at the beginning of the next PWM
period.
Independent
of
the
PRSEN
bit
setting,
if
the
auto-shutdown source is one of the comparators, the
shutdown condition is a level. The ECCPASE bit
cannot be cleared as long as the cause of the shutdown
persists.
The Auto-Shutdown mode can be forced by writing a ‘1’
to the ECCPASE bit.
16.4.8
START-UP CONSIDERATIONS
When the ECCP1 module is used in the PWM mode, the
application hardware must use the proper external pull-up
and/or pull-down resistors on the PWM output pins. When
the microcontroller is released from Reset, all of the I/O
pins are in the high-impedance state. The external circuits
must keep the power switch devices in the off state until
the microcontroller drives the I/O pins with the proper
signal levels, or activates the PWM output(s).
The ECCP1M1:ECCP1M0 bits (ECCP1CON<1:0>)
allow the user to choose whether the PWM output sig-
nals are active-high or active-low for each pair of PWM
output pins (P1A/P1C and P1B/P1D). The PWM output
polarities must be selected before the PWM pins are
configured as outputs. Changing the polarity configura-
tion while the PWM pins are configured as outputs is
not recommended, since it may result in damage to the
application circuits.
The P1A, P1B, P1C and P1D output latches may not be
in the proper states when the PWM module is initialized.
Enabling the PWM pins for output at the same time as
the ECCP1 module may cause damage to the applica-
tion circuit. The ECCP1 module must be enabled in the
proper output mode and complete a full PWM cycle
before configuring the PWM pins as outputs. The com-
pletion of a full PWM cycle is indicated by the TMR2IF
bit being set as the second PWM period begins.
FIGURE 16-10:
PWM AUTO-SHUTDOWN (PRSEN = 1, AUTO-RESTART ENABLED)
FIGURE 16-11:
PWM AUTO-SHUTDOWN (PRSEN = 0, AUTO-RESTART DISABLED)
Note:
Writing to the ECCPASE bit is disabled
while a shutdown condition is active.
Shutdown
PWM
ECCPASE bit
Activity
Event
Shutdown
Event Occurs
Shutdown
Event Clears
PWM
Resumes
Normal PWM
Start of
PWM Period
PWM Period
Shutdown
PWM
ECCPASE bit
Activity
Event
Shutdown
Event Occurs
Shutdown
Event Clears
PWM
Resumes
Normal PWM
Start of
PWM Period
ECCPASE
Cleared by
Firmware
PWM Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com