Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2585EMLSQTP Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC18F2585EMLSQTP
Description  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2585EMLSQTP Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC18F2585EMLSQTP Datasheet HTML 131Page - Microchip Technology PIC18F2585EMLSQTP Datasheet HTML 132Page - Microchip Technology PIC18F2585EMLSQTP Datasheet HTML 133Page - Microchip Technology PIC18F2585EMLSQTP Datasheet HTML 134Page - Microchip Technology PIC18F2585EMLSQTP Datasheet HTML 135Page - Microchip Technology PIC18F2585EMLSQTP Datasheet HTML 136Page - Microchip Technology PIC18F2585EMLSQTP Datasheet HTML 137Page - Microchip Technology PIC18F2585EMLSQTP Datasheet HTML 138Page - Microchip Technology PIC18F2585EMLSQTP Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 133
PIC18F2585/2680/4585/4680
TABLE 10-3:
PORTB I/O SUMMARY
Pin Name
Function
I/O
TRIS
Buffer
Description
RB0/INT0/FLT0/AN10 RB0
OUT
0
DIG
LATB<0> data output.
IN
1
TTL
PORTB<0> data input. Weak pull-up available only in this mode.
INT0
IN
1
ST
External interrupt 0 input.
FLT0
IN
1
ST
Enhanced PWM Fault input.
AN10
IN
1
ANA
A/D input channel 10. Enabled on POR, this analog input overrides
the digital input (read as clear – low level).
RB1/INT1/AN8
RB1
OUT
0
DIG
LATB<1> data output.
IN
1
TTL
PORTB<1> data input. Weak pull-up available only in this mode.
INT1
IN
1
ST
External interrupt 1 input.
AN8
IN
1
ANA
A/D input channel 8. Enabled on POR, this analog input overrides
the digital input (read as clear – low level).
RB2/INT2/CANTX
RB2
OUT
x
DIG
LATB<2> data output.
IN
1
TTL
PORTB<2> data input. Weak pull-up available only in this mode.
INT2
IN
1
ST
External interrupt 2 input.
CANTX
OUT
1
DIG
CAN transmit signal output. The CAN interface overrides the
TRIS<2> control when enabled.
RB3/CANRX
RB3
OUT
0
DIG
LATB<3> data output.
IN
1
TTL
PORTB<3> data input. Weak pull-up available only in this mode.
CANRX
IN
1
ST
CAN receive signal input. Pin must be configured as a digital input by
setting TRISB<3>.
RB4/KBI0/AN9
RB4
OUT
0
DIG
LATB<4> data output.
IN
1
TTL
PORTB<4> data input. Weak pull-up available only in this mode.
KBI0
IN
1
TTL
Interrupt-on-pin change.
AN9
IN
1
ANA
A/D input channel 9. Enabled on POR, this analog input overrides
the digital input (read as clear – low level).
RB5/KBI1/PGM
RB5
OUT
0
DIG
LATB<5> data output.
IN
1
TTL
PORTB<5> data input. Weak pull-up available only in this mode.
KBI1
IN
1
TTL
Interrupt-on-pin change.
PGM
IN
x
ST
Low-Voltage Programming mode entry (ICSP™). Enabling this
function overrides digital output.
RB6/KBI2/PGC
RB6
OUT
0
DIG
LATB<6> data output.
IN
1
TTL
PORTB<6> data input. Weak pull-up available only in this mode.
KBI2
IN
1
TTL
Interrupt-on-pin change.
PGC
IN
x
ST
Low-Voltage Programming mode entry (ICSP) clock input.
RB7/KBI3/PGD
RB7
OUT
0
DIG
LATB<7> data output.
IN
1
TTL
PORTB<7> data input. Weak pull-up available only in this mode.
KBI3
IN
1
TTL
Interrupt-on-pin change.
PGD
OUT
x
DIG
Low-Voltage Programming mode entry (ICSP) clock output.
IN
x
ST
Low-Voltage Programming mode entry (ICSP) clock input.
Legend:
PWR = Power Supply; OUT = Output; IN = Input; ANA = Analog Signal; DIG = Digital Output; ST = Schmitt Buffer Input;
TTL – TTL Buffer Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com