Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS404 Datasheet(PDF) 206 Page - Microchip Technology

Part # DSPIC33FJ16GS404
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS404 Datasheet(HTML) 206 Page - Microchip Technology

Back Button DSPIC33FJ16GS404 Datasheet HTML 202Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 203Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 204Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 205Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 206Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 207Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 208Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 209Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 204
Preliminary
© 2009 Microchip Technology Inc.
bit 2
CAM:
Center-Aligned Mode Enable bit(2,3)
1
= Center-Aligned mode is enabled
0
= Center-Aligned mode is disabled
bit 1
XPRES:
External PWM Reset Control bit(4)
1
= Current-limit source resets time base for this PWM generator if it is in Independent Time Base mode
0
= External pins do not affect PWM time base
bit 0
IUE:
Immediate Update Enable bit
1
= Updates to the active MDC/PDCx/SDCx registers are immediate
0
= Updates to the active MDC/PDCx/SDCx registers are synchronized to the PWM time base
REGISTER 15-6:
PWMCONx: PWMx CONTROL REGISTER (CONTINUED)
Note 1:
Software must clear the interrupt status here and the corresponding IFS bit in the interrupt controller.
2:
The Independent Time Base mode (ITB = 1) must be enabled to use Center-Aligned mode. If ITB = 0, the
CAM bit is ignored.
3:
These bits should be changed only when PTEN = 0. Changing the clock selection during operation will
yield unpredictable results.
4:
To operate in External Period Reset mode, configure FCLCONx<CLMOD> = 0 and PWMCONx<ITB> = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com