Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS404 Datasheet(PDF) 140 Page - Microchip Technology

Part # DSPIC33FJ16GS404
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS404 Datasheet(HTML) 140 Page - Microchip Technology

Back Button DSPIC33FJ16GS404 Datasheet HTML 136Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 137Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 138Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 139Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 140Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 141Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 142Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 143Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 138
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 8-1:
OSCCON: OSCILLATOR CONTROL REGISTER(1)
U-0
R-0
R-0
R-0
U-0
R/W-y
R/W-y
R/W-y
—COSC<2:0>
—NOSC<2:0>(2)
bit 15
bit 8
R/W-0
R/W-0
R-0
U-0
R/C-0
U-0
U-0
R/W-0
CLKLOCK
IOLOCK
LOCK
—CF
—
—
OSWEN
bit 7
bit 0
Legend:
y = Value set from Configuration bits on POR
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented:
Read as ‘0’
bit 14-12
COSC<2:0>:
Current Oscillator Selection bits (read-only)
000
= Fast RC oscillator (FRC)
001
= Fast RC oscillator (FRC) with PLL
010
= Primary oscillator (XT, HS, EC)
011
= Primary oscillator (XT, HS, EC) with PLL
100
= Reserved
101
= Low-Power RC oscillator (LPRC)
110
= Fast RC oscillator (FRC) with divide-by-16
111
= Fast RC oscillator (FRC) with divide-by-n
bit 11
Unimplemented:
Read as ‘0’
bit 10-8
NOSC<2:0>:
New Oscillator Selection bits(2)
000
= Fast RC oscillator (FRC)
001
= Fast RC oscillator (FRC) with PLL
010
= Primary oscillator (XT, HS, EC)
011
= Primary oscillator (XT, HS, EC) with PLL
100
= Reserved
101
= Low-Power RC oscillator (LPRC)
110
= Fast RC oscillator (FRC) with divide-by-16
111
= Fast RC oscillator (FRC) with divide-by-n
bit 7
CLKLOCK:
Clock Lock Enable bit
If clock switching is enabled and FSCM is disabled, (FOSC<FCKSM> = 0b01):
1
= Clock switching is disabled, system clock source is locked
0
= Clock switching is enabled, system clock source can be modified by clock switching
bit 6
IOLOCK:
Peripheral Pin Select Lock bit
1
= Peripherial pin select is locked, write to Peripheral Pin Select registers not allowed
0
= Peripherial pin select is not locked, write to Peripheral Pin Select registers allowed
bit 5
LOCK:
PLL Lock Status bit (read-only)
1
= Indicates that PLL is in lock, or PLL start-up timer is satisfied
0
= Indicates that PLL is out of lock, start-up timer is in progress or PLL is disabled
bit 4
Unimplemented:
Read as ‘0’
Note 1:
Writes to this register require an unlock sequence. Refer to Section 42. “Oscillator (Part IV)” (DS70307)
in the “dsPIC33F Family Reference Manual” (available from the Microchip website) for details.
2:
Direct clock switches between any primary oscillator mode with PLL and FRCPLL mode are not permitted.
This applies to clock switches in either direction. In these instances, the application must switch to FRC mode
as a transition clock source between the two PLL modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com