| Electronic Components Datasheet Search |
|
DSPIC33FJ16GS404 Datasheet(PDF) 147 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ16GS404 Datasheet(HTML) 147 Page - Microchip Technology |
|
147 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 145 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 8.4 Clock Switching Operation Applications are free to switch among any of the four clock sources (primary, LP, FRC and LPRC) under software control at any time. To limit the possible side effects of this flexibility, dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 devices have a safeguard lock built into the switch process. 8.4.1 ENABLING CLOCK SWITCHING To enable clock switching, the FCKSM1 Configuration bit in the Configuration register must be programmed to ‘0’. (Refer to Section 21.1 “Configuration Bits” for further details.) If the FCKSM1 Configuration bit is unprogrammed (‘1’), the clock switching function and Fail-Safe Clock Monitor function are disabled. This is the default setting. The NOSC control bits (OSCCON<10:8>) do not control the clock selection when clock switching is disabled. However, the COSC bits (OSCCON<14:12>) reflect the clock source selected by the FNOSC Configuration bits. The OSWEN control bit (OSCCON<0>) has no effect when clock switching is disabled. It is held at ‘0’ at all times. 8.4.2 OSCILLATOR SWITCHING SEQUENCE To perform a clock switch, the following basic sequence is required: 1. If desired, read the COSC bits (OSCCON<14:12>) to determine the current oscillator source. 2. Perform the unlock sequence to allow a write to the OSCCON register high byte. 3. Write the appropriate value to the NOSC control bits (OSCCON<10:8>) for the new oscillator source. 4. Perform the unlock sequence to allow a write to the OSCCON register low byte. 5. Set the OSWEN bit (OSCCON<0>) to initiate the oscillator switch. Once the basic sequence is completed, the system clock hardware responds automatically as follows: 1. The clock switching hardware compares the COSC status bits with the new value of the NOSC control bits. If they are the same, the clock switch is a redundant operation. In this case, the OSWEN bit is cleared automatically and the clock switch is aborted. 2. If a valid clock switch has been initiated, the LOCK (OSCCON<5>) and the CF (OSCCON<3>) status bits are cleared. 3. The new oscillator is turned on by the hardware if it is not currently running. If a crystal oscillator must be turned on, the hardware waits until the Oscillator Start-up Timer (OST) expires. If the new source is using the PLL, the hardware waits until a PLL lock is detected (LOCK = 1). 4. The hardware waits for 10 clock cycles from the new clock source and then performs the clock switch. 5. The hardware clears the OSWEN bit to indicate a successful clock transition. In addition, the NOSC bit values are transferred to the COSC status bits. 6. The old clock source is turned off at this time, with the exception of LPRC (if WDT or FSCM are enabled). 8.5 Fail-Safe Clock Monitor (FSCM) The Fail-Safe Clock Monitor (FSCM) allows the device to continue to operate even in the event of an oscillator failure. The FSCM function is enabled by programming. If the FSCM function is enabled, the LPRC internal oscillator runs at all times (except during Sleep mode) and is not subject to control by the Watchdog Timer. In the event of an oscillator failure, the FSCM generates a clock failure trap event and switches the system clock over to the FRC oscillator. Then, the application program can either attempt to restart the oscillator or execute a controlled shutdown. The trap can be treated as a warm Reset by simply loading the Reset address into the oscillator fail trap vector. If the PLL multiplier is used to scale the system clock, the internal FRC is also multiplied by the same factor on clock failure. Essentially, the device switches to FRC with PLL on a clock failure. Note: Primary oscillator mode has three different submodes (XT, HS and EC), which are determined by the POSCMD<1:0> Configuration bits. While an application can switch to and from primary oscillator mode in software, it cannot switch among the different primary submodes without reprogramming the device. Note 1: The processor continues to execute code throughout the clock switching sequence. Timing-sensitive code should not be executed during this time. 2: Direct clock switches between any primary oscillator mode with PLL and FRCPLL mode are not permitted. This applies to clock switches in either direction. In these instances, the application must switch to FRC mode as a transition clock source between the two PLL modes. 3: Refer to Section 42. “Oscillator (Part IV)” (DS70307) in the “dsPIC33F Family Reference Manual” for details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |