Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS404 Datasheet(PDF) 161 Page - Microchip Technology

Part # DSPIC33FJ16GS404
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS404 Datasheet(HTML) 161 Page - Microchip Technology

Back Button DSPIC33FJ16GS404 Datasheet HTML 157Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 158Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 159Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 160Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 161Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 162Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 163Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 164Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 159
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
10.4.2.2
Output Mapping
In contrast to inputs, the outputs of the peripheral pin
select options are mapped on the basis of the pin. In
this case, a control register associated with a particular
pin dictates the peripheral output to be mapped. The
RPORx registers are used to control output mapping.
Like the RPINRx registers, each register contains sets
of 6-bit fields, with each set associated with one RPn
pin (see Register 10-15 through Register 10-31). The
value of the bit field corresponds to one of the
peripherals, and that peripheral’s output is mapped to
the pin (see Table 10-2 and Figure 10-3).
The list of peripherals for output mapping also includes
a null value of ‘00000’ because of the mapping
technique. This permits any given pin to remain
unconnected from the output of any of the pin
selectable peripherals.
FIGURE 10-3:
MULTIPLEXING OF
REMAPPABLE OUTPUT
FOR RPn
TABLE 10-2:
OUTPUT SELECTION FOR REMAPPABLE PIN (RPn)
0
45
3
RPORn<5:0>
Default
U1TX Output Enable
U1RTS Output Enable 4
PWM4L Output Enable
19
OC2 Output Enable
0
45
3
Default
U1TX Output
U1RTS Output 4
PWM4L Output
19
OC2 Output
Output Enable
Output Data
RPn
Function
RPORn<5:0>
Output Name
NULL
000000
RPn tied to default port pin
U1TX
000011
RPn tied to UART1 transmit
U1RTS
000100
RPn tied to UART1 ready to send
SDO1
000111
RPn tied to SPI1 data output
SCK1
001000
RPn tied to SPI1 clock output
SS1
001001
RPn tied to SPI1 slave select output
OC1
010010
RPn tied to Output Compare 1
OC2
010011
RPn tied to Output Compare 2
SYNCO1
100101
RPn tied to external device synchronization signal via PWM master time base
REFCLKO
100110
REFCLK output signal
ACMP1
100111
RPn tied to Analog Comparator Output 1
ACMP2
101000
RPn tied to Analog Comparator Output 2
ACMP3
101001
RPn tied to Analog Comparator Output 3
ACMP4
101010
RPn tied to Analog Comparator Output 4
PWM4H
101100
RPn tied to PWM output pins associated with PWM Generator 4
PWM4L
101101
RPn tied to PWM output pins associated with PWM Generator 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com