| Electronic Components Datasheet Search |
|
DSPIC33FJ16GS404 Datasheet(PDF) 185 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ16GS404 Datasheet(HTML) 185 Page - Microchip Technology |
|
185 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 183 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 11.0 TIMER1 The Timer1 module is a 16-bit timer, which can serve as a time counter for the Real-Time Clock (RTC), or operate as a free-running interval timer/counter. The Timer1 module has the following unique features over other timers: • Can be operated from the low-power 32 kHz crystal oscillator available on the device • Can be operated in Asynchronous Counter mode from an external clock source. • The external clock input (T1CK) can optionally be synchronized to the internal device clock and the clock synchronization is performed after the prescaler. The unique features of Timer1 allow it to be used for Real-Time Clock (RTC) applications. A block diagram of Timer1 is shown in Figure 11-1. The Timer1 module can operate in one of the following modes: • Timer mode • Gated Timer mode • Synchronous Counter mode • Asynchronous Counter mode In Timer and Gated Timer modes, the input clock is derived from the internal instruction cycle clock (FCY). In Synchronous and Asynchronous Counter modes, the input clock is derived from the external clock input at the T1CK pin. The Timer modes are determined by the following bits: • Timer Clock Source Control bit (TCS): T1CON<1> • Timer Synchronization Control bit (TSYNC): T1CON<2> • Timer Gate Control bit (TGATE): T1CON<6> The timer control bit settings for different operating modes are given in the Table 11-1. TABLE 11-1: TIMER MODE SETTINGS FIGURE 11-1: 16-BIT TIMER1 MODULE BLOCK DIAGRAM Note: This data sheet summarizes the features of the dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 families of devices. It is not intended to be a comprehensive reference source. To complement the information in this data sheet, refer to the “dsPIC33F Family Reference Manual” , Section 11. “Timers” (DS70205), which is available from the Microchip web site (www.microchip.com). Mode TCS TGATE TSYNC Timer 00 x Gated Timer 01 x Synchronous Counter 1x 1 Asynchronous Counter 1x 0 TGATE TCS 00 10 x1 TMR1 Comparator PR1 TGATE Set T1IF Flag 0 1 TSYNC 0 1 Sync Equal Reset T1CK Prescaler (/n) TCKPS<1:0> Gate Sync FCY Falling Edge Detect Prescaler (/n) TCKPS<1:0> |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |