Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS404 Datasheet(PDF) 199 Page - Microchip Technology

Part # DSPIC33FJ16GS404
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS404 Datasheet(HTML) 199 Page - Microchip Technology

Back Button DSPIC33FJ16GS404 Datasheet HTML 195Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 196Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 197Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 198Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 199Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 200Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 201Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 202Page - Microchip Technology DSPIC33FJ16GS404 Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 197
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
15.0
HIGH-SPEED PWM
The
high-speed
PWM
module
on
the
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 devices supports a wide variety of PWM modes
and output formats. This PWM module is ideal for
power conversion applications, such as:
• AC/DC Converters
• DC/DC Converters
• Power Factor Correction(PFC)
• Uninterruptible Power Supply (UPS)
• Inverters
• Battery Chargers
• Digital Lighting
15.1
Features Overview
The high-speed PWM module incorporates the
following features:
• 2-4 PWM generators with 4-8 outputs
• Individual time base and duty cycle for each of the
eight PWM outputs
• Dead time for rising and falling edges:
• Duty cycle resolution of 1.04 ns at 40 MIPS
• Dead-time resolution of 1.04 ns at 40 MIPS
• Phase shift resolution of 1.04 ns at 40 MIPS
• Frequency resolution of 1.04 ns at 40 MIPS
• PWM modes supported:
- Standard Edge-Aligned
- True Independent Output
- Complementary
- Center-Aligned
- Push-Pull
- Multiphase
- Variable Phase
- Fixed Off-Time
- Current Reset
- Current-Limit
• Independent Fault/Current-Limit inputs for each of
the eight PWM outputs
• Output override control
• Special Event Trigger
• PWM capture feature
• Prescaler for input clock
• Dual trigger from PWM to ADC
• PWMxH, PWMxL output pin swapping
• PWM4H, PWM4L pins remappable
• On-the-fly PWM frequency, duty cycle and phase
shift changes
• Disabling of Individual PWM generators to reduce
power consumption
• Leading-Edge Blanking (LEB) functionality
Figure 15-1 conceptualizes the PWM module in a
simplified block diagram. Figure 15-2 illustrates how
the module hardware is partitioned for each PWM
output pair for the Complementary PWM mode. Each
functional unit of the PWM module is discussed in
subsequent sections.
The PWM module contains four PWM generators. The
module has up to eight PWM output pins: PWM1H,
PWM1L,
PWM2H,
PWM2L,
PWM3H,
PWM3L,
PWM4H and PWM4L. For complementary outputs,
these eight I/O pins are grouped into H/L pairs.
15.2
Feature Description
The PWM module is designed for applications that
require:
• High-resolution at high PWM frequencies
• The ability to drive Standard, Edge-Aligned,
Center-Aligned Complementary mode, and
Push-Pull mode outputs
• The ability to create multiphase PWM outputs
For Center-Aligned mode, the duty cycle, period phase
and dead-time resolutions will be 8 ns.
Two common, medium power converter topologies are
push-pull and half-bridge. These designs require the
PWM output signal to be switched between alternate
pins, as provided by the Push-Pull PWM mode.
Phase-shifted PWM describes the situation where
each PWM generator provides outputs, but the phase
relationship between the generator outputs is
specifiable and changeable.
Multiphase PWM is often used to improve DC/DC
converter load transient response, and reduce the size
of output filter capacitors and inductors. Multiple DC/DC
converters are often operated in parallel, but
phase-shifted in time. A single PWM output operating at
250 kHz has a period of 4
μs, but an array of four PWM
channels, staggered by 1
μs each, yields an effective
switching frequency of 1 MHz. Multiphase PWM
applications typically use a fixed-phase relationship.
Variable phase PWM is useful in Zero Voltage
Transition (ZVT) power converters. Here, the PWM
duty cycle is always 50%, and the power flow is
controlled by varying the relative phase shift between
the two PWM generators.
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04
families
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to the “dsPIC33F Family
Reference
Manual”
,
Section
43.
“High- Speed PWM”
(DS70323), which is
available on the Microchip web site
(www.microchip.com).
Note:
Duty cycle, dead-time, phase shift and
frequency resolution is 8.32 ns in
Center-Aligned PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com