Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F320T-IMCSQTP Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC10F320T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320T-IMCSQTP Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC10F320T-IMCSQTP Datasheet HTML 115Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 116Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 117Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 118Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 119Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 120Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 121Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 122Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 119
PIC10(L)F320/322
19.5
CLC Control Registers
REGISTER 19-1:
CLCxCON: CONFIGURABLE LOGIC CELL CONTROL REGISTER
R/W-0/0
R/W-0/0
R-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
LCxEN
LCxOE
LCxOUT
LCxINTP
LCxINTN
LCxMODE<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Reset
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
LCxEN:
Configurable Logic Cell Enable bit
1
= Configurable Logic Cell is enabled and mixing input signals
0
= Configurable Logic Cell is disabled and has logic zero output
bit 6
LCxOE:
Configurable Logic Cell Output Enable bit
1
= Configurable Logic Cell port pin output enabled
0
= Configurable Logic Cell port pin output disabled
bit 5
LCxOUT:
Configurable Logic Cell Data Output bit
Read-only: logic cell output data, after LCxPOL; sampled from lcx_out wire.
bit 4
LCxINTP:
Configurable Logic Cell Positive Edge Going Interrupt Enable bit
1
= CLCxIF will be set when a rising edge occurs on lcx_out
0
= CLCxIF will not be set
bit 3
LCxINTN:
Configurable Logic Cell Negative Edge Going Interrupt Enable bit
1
= CLCxIF will be set when a falling edge occurs on lcx_out
0
= CLCxIF will not be set
bit 2-0
LCxMODE<2:0>:
Configurable Logic Cell Functional Mode bits
111
= Cell is 1-input transparent latch with S and R
110
= Cell is J-K Flip-Flop with R
101
= Cell is 2-input D Flip-Flop with R
100
= Cell is 1-input D Flip-Flop with S and R
011
= Cell is S-R latch
010
= Cell is 4-input AND
001
=Cell is OR-XOR
000
= Cell is AND-OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com