Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F373CCT6 Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32F373CCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373CCT6 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32F373CCT6 Datasheet HTML 108Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 109Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 110Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 111Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 112Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 113Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 114Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 115Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 131 page
background image
Electrical characteristics
STM32F37xxx
112/131
DocID022691 Rev 4
SNR(4)
Signal to
noise ratio
fADC =
1.5 MHz
VDDSDx
= 3.3
VREFSD+ =
3.3(2)
84
85
-
dB
fADC = 6
MHz
VREFSD+=
1.2(3)
86
88
-
VREFSD+ =
3.3
88
92
-
fADC = 6
MHz
VREFSD+ =
1.2(3)
76
78
-
VREFSD+ =
3.3
82
86
-
fADC =
1.5 MHz
VREFSD+=
3.3(2)
76
80
-
fADC =
1.5MHz
VREFSD+ =
3.3
80
84
-
fADC =
6MHz
VREFSD+ =
1.2(3)
77
81
-
VREFSD+ =
3.3
85
90
-
fADC =
6MHz
VREFSD+ =
1.2(3)
66
71
-
VREFSD+ =
3.3
74
78
-
Table 74. SDADC characteristics (continued)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com