Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AGLP060 Datasheet(PDF) 105 Page - Microsemi Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP060 Datasheet(HTML) 105 Page - Microsemi Corporation

Back Button AGLP060 Datasheet HTML 101Page - Microsemi Corporation AGLP060 Datasheet HTML 102Page - Microsemi Corporation AGLP060 Datasheet HTML 103Page - Microsemi Corporation AGLP060 Datasheet HTML 104Page - Microsemi Corporation AGLP060 Datasheet HTML 105Page - Microsemi Corporation AGLP060 Datasheet HTML 106Page - Microsemi Corporation AGLP060 Datasheet HTML 107Page - Microsemi Corporation AGLP060 Datasheet HTML 108Page - Microsemi Corporation AGLP060 Datasheet HTML 109Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 134 page
background image
IGLOO PLUS Low Power Flash FPGAs
Revision 16
4-5
VQ176
Pin Number
AGLP060
Function
1
GAA2/IO156RSB3
2
IO155RSB3
3
GAB2/IO154RSB3
4
IO153RSB3
5
GAC2/IO152RSB3
6GND
7
VCCIB3
8
IO149RSB3
9
IO147RSB3
10
IO145RSB3
11
IO144RSB3
12
IO143RSB3
13
VCC
14
IO141RSB3
15
GFC1/IO140RSB3
16
GFB1/IO138RSB3
17
GFB0/IO137RSB3
18
VCOMPLF
19
GFA1/IO136RSB3
20
VCCPLF
21
GFA0/IO135RSB3
22
GND
23
VCCIB3
24
GFA2/IO134RSB3
25
GFB2/IO133RSB3
26
GFC2/IO132RSB3
27
IO131RSB3
28
IO130RSB3
29
IO129RSB3
30
IO127RSB3
31
IO126RSB3
32
IO125RSB3
33
IO123RSB3
34
IO122RSB3
35
IO121RSB3
36
IO119RSB3
37
GND
38
VCCIB3
39
GEC1/IO116RSB3
40
GEB1/IO114RSB3
41
GEC0/IO115RSB3
42
GEB0/IO113RSB3
43
GEA1/IO112RSB3
44
GEA0/IO111RSB3
45
GEA2/IO110RSB2
46
NC
47
FF/GEB2/IO109R
SB2
48
GEC2/IO108RSB2
49
IO106RSB2
50
IO107RSB2
51
IO104RSB2
52
IO105RSB2
53
IO102RSB2
54
IO103RSB2
55
GND
56
VCCIB2
57
IO101RSB2
58
IO100RSB2
59
IO99RSB2
60
IO98RSB2
61
IO97RSB2
62
IO96RSB2
63
IO95RSB2
64
IO94RSB2
65
IO93RSB2
66
VCC
67
IO92RSB2
68
IO91RSB2
69
IO90RSB2
VQ176
Pin Number
AGLP060
Function
70
IO89RSB2
71
IO88RSB2
72
IO87RSB2
73
IO86RSB2
74
IO85RSB2
75
IO84RSB2
76
GND
77
VCCIB2
78
IO83RSB2
79
IO82RSB2
80
GDC2/IO80RSB2
81
IO81RSB2
82
GDA2/IO78RSB2
83
GDB2/IO79RSB2
84
NC
85
NC
86
TCK
87
TDI
88
TMS
89
VPUMP
90
TDO
91
TRST
92
VJTAG
93
GDA1/IO76RSB1
94
GDC0/IO73RSB1
95
GDB1/IO74RSB1
96
GDC1/IO72RSB1
97
VCCIB1
98
GND
99
IO70RSB1
100
IO69RSB1
101
IO67RSB1
102
IO66RSB1
103
IO65RSB1
104
IO63RSB1
VQ176
Pin Number
AGLP060
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com