Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C976KCW Datasheet(PDF) 209 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 209 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 205Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 206Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 207Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 208Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 209Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 210Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 211Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 212Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 213Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 309 page
background image
8/01/00
Am79C976
209
P R E L I M INARY
cleared, this bit indicates that the
Am79C976
controller
is
pro-
grammed for Word I/O (WIO)
mode. This bit affects the I/O Re-
source Offset map and it affects
the
defined
width
of
the
Am79C976 controllers I/O re-
sources. See the DWIO and WIO
sections for more details.
The initial value of the DWIO bit is
determined by the programming
of the EEPROM.
The value of DWIO can be al-
tered
automatically
by
the
Am79C976 controller. Specifical-
ly, the Am79C976 controller will
set DWIO if it detects a DWord
write access to offset 10h from
the
Am79C976
controller
I/O
base address (corresponding to
the RDP resource).
Once the DWIO bit has been set
to a 1, only a H_RESET or an EE-
PROM read can reset it to a 0.
(Note that the EEPROM read op-
eration will only set DWIO to a 0 if
the appropriate bit inside of the
EEPROM is set to 0.)
DWIO is read only, write opera-
tions have no effect. DWIO is
cleared by H_RESET and is not
affected S_RESET or by setting
the STOP bit.
6
BREADE
Obsolete function. Writing has no
effect. Read as undefined.
5
BWRITE
Obsolete function. Writing has no
effect. Read as undefined.
4-3
TSTSHDW Reserved locations. Written and
read as zeros.
2-0
LINBC
Reserved locations. Written and
read as zeros.
%&5((3520 &RQWURODQG6WDWXV
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
PVALID
EEPROM
Valid
status
bit.
PVALID is read only; write opera-
tions have no effect. A value of 1
in this bit indicates that a PREAD
operation has occurred, and that
(1) there is an EEPROM connect-
ed to the Am79C976 controller in-
terface pins and (2) the contents
read from the EEPROM have
passed the checksum verification
operation.
A value of 0 in this bit indicates a
failure in reading the EEPROM.
The checksum for the EEPROM
contents is incorrect or no EE-
PROM is connected to the inter-
face pins.
PVALID
is
set
to
0
during
H_RESET and is unaffected by
S_RESET or the STOP bit. How-
ever, following the H_RESET op-
eration, an automatic, sequential
read of the EEPROM will be per-
formed. Just as is true for the nor-
mal PREAD command, at the
end of this automatic, sequential
read operation, the PVALID bit
may be set to 1. Therefore,
H_RESET will set the PVALID bit
to 0 at first, but the automatic EE-
PROM read operation may later
set PVALID to a 1.
If PVALID becomes 0 following
an EEPROM read operation (ei-
ther automatically generated af-
ter
H_RESET,
or
requested
through PREAD), then all EE-
PROM-programmable BCR loca-
tions
will
be
reset
to
their
H_RESET values. The content of
the Address PROM locations,
however, will not be cleared.
If no EEPROM is present at the
EESK, EEDI, and EEDO pins,
then all attempted PREAD com-
mands will terminate early and
PVALID will not be set. This ap-
plies to the automatic read of the
EEPROM after H_RESET, as
well as to host-initiated PREAD
commands.
14
PREAD
EEPROM Read command bit.
When this bit is set to a 1 by the
host, the PVALID bit (BCR19, bit
15) will immediately be reset to a
0, and then the Am79C976 con-
troller will perform a sequential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com