Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C976KCW Datasheet(PDF) 167 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 167 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 163Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 164Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 165Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 166Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 167Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 168Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 169Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 170Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 171Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 309 page
background image
8/01/00
Am79C976
167
P R E L I M INARY
SRAM Boundary Register
Offset 17Ah
All bits in this register are cleared to 0 when the RST
pin is asserted, before the serial EEPROM is read, and
after a serial EEPROM read error.
Table 76. SRAM Boundary Register
65$0 6L]H 5HJLVWHU
Offset 178h
All bits in this register are cleared to 0 when the RST
pin is asserted, before the serial EEPROM is read, and
after a serial EEPROM read error.
Table 77. SRAM Size Register
Bit
Name
Description
15-0
SRAM_BND
SRAM Boundary. Specifies the size of the transmit buffer portion of the SRAM in units of 512-byte
pages. For example, if SRAM_BND is set to 10, then 5120 bytes of the SRAM will be allocated for
the transmit buffer and the rest will be allocated for the receive buffer.
The transmit buffer in the SRAM begins at address 0 and ends at the address (SRAM_BND*512)-
1. Therefore, the receive buffer always begins on a 512-byte boundary.
SRAM_BND must be initialized to an appropriate value, either by the EEPROM or by the host CPU.
SRAM_BND must be set to a value less than or equal to IFFCh. Values larger than IFFCh will
cause incorrect behavior.
Note: The minimum allowed number of pages for normal network operation is four, and the
maximum is SRAM_SIZE - 4.
This register is an alias of BCR26.
Bit
Name
Description
15-0
SRAM_SIZE
SRAM Size. Specifies the total size of the SSRAM buffer in units of 512-byte pages. For example,
assume that the external memory consists of one 64K X 32 bit SSRAM, for a total of 256K bytes.
In this case SRAM_SIZE should be set to 512 (256K divided by 512).
This field must be initialized to the appropriate value, either by the EEPROM or by the host CPU.
SRAM_SIZE must be set to a value less than or equal to 2000h. Values larger than 2000h will
cause incorrect behavior.
Note: The minimum allowed number of pages is eight for normal network operation.
This register is an alias of BCR25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com