| Electronic Components Datasheet Search |
|
PIC24FJ128GA310 Datasheet(PDF) 396 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 Datasheet(HTML) 396 Page - Microchip Technology |
|
396 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 396 2010-2011 Microchip Technology Inc. D Data Memory Address Space............................................................ 43 Extended Data Space (EDS) ...................................... 65 Memory Map ............................................................... 43 Near Data Space ........................................................ 44 SFR Space.................................................................. 44 Software Stack............................................................ 68 Space Organization, Alignment .................................. 44 Data Signal Modulator....................................................... 249 Data Signal Modulator (DSM) ........................................... 249 DC Characteristics Comparator ............................................................... 368 Comparator Voltage Reference ................................ 368 CTMU Current Source .............................................. 367 I/O Pin Input Specifications ....................................... 365 I/O Pin Output Specifications .................................... 366 Idle Current ............................................................... 362 Operating Current ..................................................... 361 Power-Down Current ................................................ 363 Program Memory ...................................................... 366 Resets....................................................................... 364 Temperature and Voltage Specifications .................. 361 Vbat Operating Voltage Specifications ..................... 367 Development Support ....................................................... 347 Device Features 100-Pin........................................................................ 15 64-Pin.......................................................................... 13 80-Pin.......................................................................... 14 Direct Memory Access Controller. See DMA. DMA .................................................................................... 75 Channel Trigger Sources ............................................ 82 Peripheral Module Disable (PMD) .............................. 78 Summary of Operations .............................................. 76 Types of Transfers ...................................................... 77 Typical Setup .............................................................. 78 DMA Controller.................................................................... 12 E Electrical Characteristics Absolute Maximum Ratings ...................................... 359 Capacitive Loading on Output Pin ............................ 369 CLKO and I/O Timing................................................ 372 External Clock Timing ............................................... 370 High/Low-Voltage Detect .......................................... 368 Internal Voltage Regulator Specifications ................. 367 PLL Clock Timing Specifications............................... 371 RC Oscillator Start-up Time ...................................... 371 Reset and Brown-out Reset Requirements .............. 373 Thermal Conditions ................................................... 360 V/F Graph ................................................................. 360 Enhanced Parallel Master Port (EPMP)............................ 253 Enhanced Parallel Master Port. See EPMP...................... 253 EPMP Key Features............................................................. 253 Package Variations ................................................... 253 Equations 16-Bit, 32-Bit CRC Polynomials................................ 290 A/D Conversion Clock Period ................................... 311 Baud Rate Reload Calculation.................................. 235 Calculating the PWM Period..................................... 214 Calculation for Maximum PWM Resolution .............. 215 Relationship Between Device and SPI Clock Speed .............................................. 231 UART Baud Rate with BRGH = 0 ............................. 242 UART Baud Rate with BRGH = 1 ............................. 242 Errata .................................................................................. 10 Extended Data Space (EDS) ............................................ 253 F Flash Configuration Word Locations................................. 333 Flash Configuration Words ................................................. 42 Flash Program Memory ...................................................... 83 and Table Instructions ................................................ 83 Enhanced ICSP Operation ......................................... 84 JTAG Operation.......................................................... 84 Programming Algorithm .............................................. 86 Programming Operations............................................ 84 RTSP Operation ......................................................... 84 Single-Word Programming ......................................... 88 H High/Low-Voltage Detect (HLVD) ..................................... 331 I I/O Ports Analog Port Pins Configuration (ANSx) .................... 168 Analog/Digital Function of an I/O Pin........................ 168 Input Change Notification ......................................... 172 Open-Drain Configuration......................................... 168 Parallel (PIO) ............................................................ 167 Peripheral Pin Select ................................................ 173 Pull-ups and Pull-Downs........................................... 172 Selectable Input Sources.......................................... 174 I2C Clock Rates .............................................................. 235 Communicating as Master in Single Master Environment ......................................... 233 Reserved Addresses ................................................ 235 Setting Baud Rate as Bus Master............................. 235 Slave Address Masking ............................................ 235 Input Capture 32-Bit Cascaded Mode ............................................. 206 Operations ................................................................ 206 Synchronous and Trigger Modes.............................. 205 Input Capture with Dedicated Timers ............................... 205 Input Voltage Levels for Port or Pin Tolerated Description Input....................................................... 168 Instruction Set Overview................................................................... 353 Summary .................................................................. 351 Symbols Used in Opcode Descriptions .................... 352 Interfacing Program and Data Spaces................................ 69 Inter-Integrated Circuit. See I2C. ...................................... 233 Internet Address ............................................................... 400 Interrupt Vector Table (IVT) ................................................ 95 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |