Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S103K3 Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM8S103K3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103K3 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM8S103K3 Datasheet HTML 109Page - STMicroelectronics STM8S103K3 Datasheet HTML 110Page - STMicroelectronics STM8S103K3 Datasheet HTML 111Page - STMicroelectronics STM8S103K3 Datasheet HTML 112Page - STMicroelectronics STM8S103K3 Datasheet HTML 113Page - STMicroelectronics STM8S103K3 Datasheet HTML 114Page - STMicroelectronics STM8S103K3 Datasheet HTML 115Page - STMicroelectronics STM8S103K3 Datasheet HTML 116Page - STMicroelectronics STM8S103K3 Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 115 / 117 page
background image
Changes
Revision
Date
Updated maximum power dissipation in Table 19: General
operating conditions.
Updated ΘJA in Table 58: Thermal characteristics.
Replaced package pitch digit by VFQFPN/UFQFPN package
digit in Figure 53: STM8S103x access line ordering information
scheme, and removed note 1.
Removed VFQFPN32 package.
6
09-Sep-2010
Removed internal reference voltage from Analog-to-digital
converter (ADC1).
Updated "reset state" of Table 4: Legend/abbreviations for
pinout tables in Pinout and pin description.
Added footnote to PD1/SWIM pin in STM8S103Kx
UFQFPN32/LQFP32/SDIP32 pinout and pin description.
Updated pins 14 and 19 (TSSOP20/SO20) / pins 11 and 16
(UFQFPN20) in STM8S103Fx TSSOP20/SO20/UFQFPN20
pin description.
General hardware register map : Standardized all reset state
values; updated the reset state values of the RST_SR,
CLK_SWCR, CLK_HSITRIMR, CLK_SWIMCCR, IWDG_KR,
and ADC_DRx registers in the "General hardware register
map" table.
Updated AFR2 description of OPT 2 in Table 14: STM8S103F
alternate function remapping bits for 20-pin devices.
Replaced 0.01 µF with 0.1 µf in Figure 38: Recommended
reset pin protection.
Added "Typical application with I
2C bus and timing diagram in
I2C interface characteristics.
Updated footnote 1 in Table 46: ADC accuracy with RAIN <
10 kΩ , VDD= 5 V and Table 47: ADC accuracy with RAIN <
10 kΩ RAIN, VDD = 3.3 V .
STM8S103 FASTROM microcontroller option list: updated
"special marking" section and AFR2 description of OPT2
alternate function remapping for STM8S103F.
32-lead UFQFPN package mechanical data: updated existing
footnote and added three additional footnotes.
Updated note related to true open-drain outputs in Table 6:
STM8S103Fx pin description.
7
12-Jul-2011
Remove CLK_CANCCR register from Table 8: General
hardware register map
115/117
DocID15441 Rev 9
Revision history
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com