Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ64GP710 Datasheet(PDF) 313 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 313 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 309Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 310Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 311Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 312Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 313Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 314Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 315Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 316Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 317Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 311
dsPIC33FJXXXGPX06/X08/X10
Section 19.0 “Enhanced CAN
(ECAN™) Module”
Changed bit 11 in the ECAN Control Register 1 (CiCTRL1) to Reserved
(see Register 19-1).
Added the ECAN Filter 15-8 Mask Selection (CiFMSKSEL2) register (see
Register 19-19).
Section 21.0 “10-Bit/12-Bit
Analog-to-Digital Converter (ADC)”
Replaced the ADC Module Block Diagram (see Figure 21-1) and removed
Figure 21-2.
Section 22.0 “Special Features”
Added Note 2 to the Device Configuration Register Map (see Table 22-1)
Section 25.0 “Electrical
Characteristics”
Updated Typical values for Thermal Packaging Characteristics (see
Table 25-3).
Updated Min and Max values for parameter DC12 (RAM Data Retention
Voltage) and added Note 4 (see Table 25-4).
Updated Power-Down Current Max values for parameters DC60b and
DC60c (see Table 25-7).
Updated Characteristics for I/O Pin Input Specifications (see Table 25-9).
Updated Program Memory values for parameters 136, 137 and 138
(renamed to 136a, 137a and 138a), added parameters 136b, 137b and
138b, and added Note 2 (see Table 25-12).
Added parameter OS42 (GM) to the External Clock Timing Requirements
(see Table 25-16).
Updated Watchdog Timer Time-out Period parameter SY20 (see
Table 25-21).
TABLE A-2:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com